Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUCULFP1.VC Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # SUCULFP1.VC
Description  OSLON® UV 3535
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

SUCULFP1.VC Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button SUCULFP1.VC Datasheet HTML 5Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 6Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 7Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 8Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 9Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 10Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 11Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 12Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SU CULFP1.VC
DATASHEET
DATASHEET
9 | Version 1.2 | 2024-11-29
Forward current 6)
I
F = f(VF); TS = 55 °C
SU CULFP1.VC
5,65,8
6,06,2
6,4
VF /V
100
200
300
400
500
IF /mA
Relative Radiant Power 6), 7)
Φ
E/ΦE(350 mA) = f(IF); TS = 55 °C
SU CULFP1.VC
IF /mA
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φe
Φe(350mA)
Peak Wavelength 6)
λ
peak = f(Tj); IF = 350 mA
SU CULFP1.VC
IF /mA
-4
-2
0
2
4
'O peak /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com