Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUCULFP1.VC Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # SUCULFP1.VC
Description  OSLON® UV 3535
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

SUCULFP1.VC Datasheet(HTML) 2 Page - ams-OSRAM AG

  SUCULFP1.VC Datasheet HTML 1Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 2Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 3Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 4Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 5Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 6Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 7Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 8Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SU CULFP1.VC
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-11-29
OSLON® UV 3535
SU CULFP1.VC
This compact UV-C LED is part of the OSLON UV series.
It allows a flexible design for any application which requires
UV-C radiation.
Applications
- Agriculture & Horticulture
- UV-C Disinfection & Treatment
Features
- Package: Ceramic package
- Chip technology: UV Flip chip
- Color: λ
peak = 265 nm (● ultraviolet (UV-C))
- ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Typ. Radiation: 120° (0°), 120° (90°)
- Radiant Flux: typ. 115 mW
- Radiant Efficiency: typ. 5.3 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com