Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY Datasheet (PDF) - ams AG

KYCSLNM1.FY Datasheet PDF - ams AG
Part # KYCSLNM1.FY
Download  KYCSLNM1.FY Download
File Size   1521.01 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.

KYCSLNM1.FY Datasheet (PDF)

Go To PDF Page Download Datasheet
KYCSLNM1.FY Datasheet PDF - ams AG

Part # KYCSLNM1.FY
Download  KYCSLNM1.FY Click to download

File Size   1521.01 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.

KYCSLNM1.FY Datasheet (HTML) - ams AG


KYCSLNM1.FY Product details

Features:
Package: white molded SMD ceramic package
Chip technology: UX:3
Typ. Radiation: 120° (Lambertian emitter)
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931 (● converted yellow)
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)




Similar Part No. - KYCSLNM1.FY

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KYCSLNM1.FY OSRAM-KYCSLNM1.FY Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
KYCSLNM1.FY-LBMB-FY-R18 OSRAM-KYCSLNM1.FY-LBMB-FY-R18 Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
More results


Similar Description - KYCSLNM1.FY

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
LED For Flash Light Source
CL-597S CITIZEN-CL-597S Datasheet
95Kb / 1P
LED For Flash Light Source
CL-690S CITIZEN-CL-690S Datasheet
112Kb / 2P
LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
LED For Flash Light Source
logo
OSRAM GmbH
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
Compact light source in SMT technology
LETQ9WM-JXKX-25 OSRAM-LETQ9WM-JXKX-25 Datasheet
738Kb / 21P
Compact light source in SMT technology
logo
ams AG
KW2CFLNM3.TK AMSCO-KW2CFLNM3.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.0 2022-12-14
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
KWCWLPM3.TK AMSCO-KWCWLPM3.TK Datasheet
1Mb / 24P
Compact light source with improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2022-07-21
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com