Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2CFLNM3.TK Datasheet (PDF) - ams AG

KW2CFLNM3.TK Datasheet PDF - ams AG
Part # KW2CFLNM3.TK
Download  KW2CFLNM3.TK Download
File Size   1980.4 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).

KW2CFLNM3.TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW2CFLNM3.TK Datasheet PDF - ams AG

Part # KW2CFLNM3.TK
Download  KW2CFLNM3.TK Click to download

File Size   1980.4 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).

KW2CFLNM3.TK Datasheet (HTML) - ams AG


KW2CFLNM3.TK Product details

Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KW2CFLNM3.TK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
More results


Similar Description - KW2CFLNM3.TK

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP0903GYT-HF A-POWER-AP0903GYT-HF_16 Datasheet
61Kb / 5P
Good Thermal Dissipation
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
Low Power and Heat Dissipation
Rev 3; 8/16
logo
OSRAM GmbH
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
Compact light source in SMT technology
LETQ9WM-JXKX-25 OSRAM-LETQ9WM-JXKX-25 Datasheet
738Kb / 21P
Compact light source in SMT technology
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
logo
ams AG
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
KWCSLPM2.CC AMSCO-KWCSLPM2.CC Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
KWCWLPM3.TK AMSCO-KWCWLPM3.TK Datasheet
1Mb / 24P
Compact light source with improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2022-07-21
KYCSLNM1.FY AMSCO-KYCSLNM1.FY Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com