Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCSLPM2.CC Datasheet (PDF) - ams AG

KWCSLPM2.CC Datasheet PDF - ams AG
Part # KWCSLPM2.CC
Download  KWCSLPM2.CC Download
File Size   2043.16 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.

KWCSLPM2.CC Datasheet (PDF)

Go To PDF Page Download Datasheet
KWCSLPM2.CC Datasheet PDF - ams AG

Part # KWCSLPM2.CC
Download  KWCSLPM2.CC Click to download

File Size   2043.16 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.

KWCSLPM2.CC Datasheet (HTML) - ams AG


KWCSLPM2.CC Product details

Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.41, Cy = 0.39 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 2B
- Color temperature: 3000K - 4000K
- CRI: 90 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWCSLPM2.CC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
More results


Similar Description - KWCSLPM2.CC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-31-01IRC-850-40 A-BRIGHT-AL-31-01IRC-850-40 Datasheet
337Kb / 5P
3 mm High Power LED Lamps
2006/9/28
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
ams AG
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
KW2CFLNM3.TK AMSCO-KW2CFLNM3.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.0 2022-12-14
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com