Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCSLPM2.CC Datasheet(PDF) 1 Page - ams AG

Part # KWCSLPM2.CC
Description  This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWCSLPM2.CC Datasheet(HTML) 1 Page - ams AG

  KWCSLPM2.CC Datasheet HTML 1Page - ams AG KWCSLPM2.CC Datasheet HTML 2Page - ams AG KWCSLPM2.CC Datasheet HTML 3Page - ams AG KWCSLPM2.CC Datasheet HTML 4Page - ams AG KWCSLPM2.CC Datasheet HTML 5Page - ams AG KWCSLPM2.CC Datasheet HTML 6Page - ams AG KWCSLPM2.CC Datasheet HTML 7Page - ams AG KWCSLPM2.CC Datasheet HTML 8Page - ams AG KWCSLPM2.CC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
KW CSLPM2.CC
DATASHEET
DATASHEET
1 | Version 1.5 | 2023-07-03
www.osram-os.com
KW CSLPM2.CC
Datasheet
Discontinued
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - KWCSLPM2.CC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
More results

Similar Description - KWCSLPM2.CC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-31-01IRC-850-40 A-BRIGHT-AL-31-01IRC-850-40 Datasheet
337Kb / 5P
3 mm High Power LED Lamps
2006/9/28
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
ams AG
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
KW2CFLNM3.TK AMSCO-KW2CFLNM3.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.0 2022-12-14
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com