Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8560 Datasheet (PDF) - Analog Devices

AD8560 Datasheet PDF - Analog Devices
Part # AD8560
Download  AD8560 Download
File Size   208.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail Buffer Amplifier

AD8560 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8560 Datasheet PDF - Analog Devices

Part # AD8560
Download  AD8560 Click to download

File Size   208.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Rail-to-Rail Buffer Amplifier

AD8560 Datasheet (HTML) - Analog Devices


AD8560 Product details

GENERAL DESCRIPTION
The AD8560 is a low cost, five-channel, single-supply buffer amplifier with rail-to-rail input and output capability. The AD8560 is optimized for LCD monitor applications.
These LCD buffers have high slew rates, a 35 mA continuous output drive, and high capacitive load drive capability. They have wide supply range and offset voltages below 10 mV.
The AD8560 is specified over the –40°C to +85°C temperature range. They are available on tape and reel in a 16-lead LFCSP.

FEATURES
   Single-Supply Operation: 4.5 V to 16 V
   Dual-Supply Capability from ±2.25 V to ±8 V
   Input Capability Beyond the Rails
   Rail-to-Rail Output Swing
   Continuous Output Current: 35 mA
   Peak Output Current: 250 mA
   Offset Voltage: 10 mV Max
   Slew Rate: 8 V/μs
   Stable with 1 μF Loads
   Supply Current

APPLICATIONS
   LCD Reference Drivers
   Portable Electronics
   Communications Equipment




Similar Part No. - AD8560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8560 AD-AD8560_15 Datasheet
221Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV. 0
More results


Similar Description - AD8560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8568 AD-AD8568 Datasheet
127Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8560 AD-AD8560_15 Datasheet
221Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV. 0
AD8568 AD-AD8568_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com