Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4222 Datasheet (PDF) - WOLFSPEED, INC.

AM4222 Datasheet PDF - WOLFSPEED, INC.
Part # AM4222
Download  AM4222 Download
File Size   123.06 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description VOLTAGE/CURRENT CONVERTER

AM4222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4222 Datasheet PDF - WOLFSPEED, INC.

Part # AM4222
Download  AM4222 Click to download

File Size   123.06 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description VOLTAGE/CURRENT CONVERTER

AM4222 Datasheet (HTML) - WOLFSPEED, INC.


AM4222 Product details

FEATURES
• Wide Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Adjustable Voltage Reference:
4.5 to 10V
• Operational Amplifier Input:
0.5...4.5V, 0...5V, other
• Adjustable Offset Current
• Available as Three– (0/4...20mA) or
Two–Wire Version (4...20mA)
• Adjustable Output Current Range
• Protection Against Reverse Polarity
• Protected Current Output
APPLICATIONS
• Sensor Interface
• Industrial Process Control
• Programmable Current Source
• Current Source Reference
GENERAL DESCRIPTION
The AM422 is a low cost monolithic voltage–
to–current converter specially designed for
analog signal transmission. The AM422 is
available in a 3– or 2–wire version, which allows applications with flexible input voltage
ranges to be used for a standard output current.
Output current range and current offset level
are freely adjustable by external resistors. The
IC consists of three basic sections: an operational amplifier input stage for single ended
input signals (0.5–4.5V, 0–10V, or other), a
programmable 4.5 to 10V reference for transducer excitation, and a current output, freely
adjustable in a wide current range (4–20mA,
0–20mA, other). With the broad spectrum of
possible input signals the AM422 is a flexible
and multipurpose voltage–to–current converter
for single ended transducers or voltage transmission.




Similar Part No. - AM4222

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM422 AME-AM422 Datasheet
123Kb / 10P
VOLTAGE/CURRENT CONVERTER
logo
Analog Microelectronics...
AM422 ANALOGMICRO-AM422 Datasheet
123Kb / 10P
VOLTAGE/CURRENT CONVERTER
Rev. 2.1
logo
WOLFSPEED, INC.
AM4221 WOLFSPEED-AM4221 Datasheet
123Kb / 10P
VOLTAGE/CURRENT CONVERTER
April 99 Rev. 2.1
More results


Similar Description - AM4222

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
108Kb / 20P
High Current System Voltage Buck Converter
logo
Analog Microelectronics
AM422 AME-AM422 Datasheet
123Kb / 10P
VOLTAGE/CURRENT CONVERTER
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
Constant-Current, Constant-Voltage Converter
logo
Pepperl+Fuchs Inc.
KFU8-FSSP-1.D-Y180599 PF-KFU8-FSSP-1.D-Y180599 Datasheet
722Kb / 4P
Frequency voltage current converter
KFU8-FSSP-1.D-Y322444 PF-KFU8-FSSP-1.D-Y322444 Datasheet
792Kb / 4P
Frequency voltage current converter
KFU8-FSSP-1.D PF-KFU8-FSSP-1.D Datasheet
697Kb / 4P
Frequency voltage current converter
KFD0-CC-1 PF-KFD0-CC-1 Datasheet
872Kb / 4P
Current/Voltage Converter
KFD0-CC-EX1 PF-KFD0-CC-EX1 Datasheet
979Kb / 4P
Current/Voltage Converter
logo
WOLFSPEED, INC.
AM4221 WOLFSPEED-AM4221 Datasheet
123Kb / 10P
VOLTAGE/CURRENT CONVERTER
April 99 Rev. 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com