Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4222 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # AM4222
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM4222 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button AM4222 Datasheet HTML 2Page - WOLFSPEED, INC. AM4222 Datasheet HTML 3Page - WOLFSPEED, INC. AM4222 Datasheet HTML 4Page - WOLFSPEED, INC. AM4222 Datasheet HTML 5Page - WOLFSPEED, INC. AM4222 Datasheet HTML 6Page - WOLFSPEED, INC. AM4222 Datasheet HTML 7Page - WOLFSPEED, INC. AM4222 Datasheet HTML 8Page - WOLFSPEED, INC. AM4222 Datasheet HTML 9Page - WOLFSPEED, INC. AM4222 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
10/10
TYPICAL TWO–WIRE APPLICATION (0 – 1V)
Used in a two–wire circuit (AM422–2) ground pin 7 (GND,
⊥) is connected between R5 and the
load resistor (Figure 9). The relationship R1/R2, using equation 2, becomes
()
R
R
V
RI
I
INmax
OUTmax
SET
1
2
0
2
1
=
−
−
The current ISET is used to set the output current offset and can be calculated by using equation 3
()
()
IV
V
R
RR
R
RR
R
SET
IN
REF
SET
SET
==
⋅
+−
++
0
2
0
43
34
()
With R3 = R4 the set resistor RSET becomes (equation 4)
R
RR I
V
SET
SET
REF
≈
4
04
Example 4: Output current range 4...20mA
In this case the values of the external devices (VIN = 0...1V) are as follows
R0 = 25
Ω
R3 = R4 = 33k
Ω
RSET
≈ 2.64kΩ
R5 = 40
Ω
R1/R2
≈ 0.25
RL = 0...500
Ω
C1 = 2.2
µF
C2 = 100nF
C
1
R
4
R
3
V
REF
R
0
V
S
I
OUT
R
L
Ground
3
4
7
G = 1
Amplifier
2
1
VREF
2
V
IN
8
V
SET
V
OFFSET
R
1
R
2
R
SET
5
V
I
6
5/10 V Reference
AM422
−2
R
5
D
1
T
1
C
2
Figure 9
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or
systems.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com