Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ601 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

2SJ601 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 2SJ601
Download  2SJ601 Download
File Size   2713.44 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel 60-V (D-S) MOSFET

2SJ601 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ601 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 2SJ601
Download  2SJ601 Click to download

File Size   2713.44 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel 60-V (D-S) MOSFET

2SJ601 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


2SJ601 Product details

FEATURES
RDS(ON) 14mQ@VGs=-10V (Typ)
RDs(ON) 16mQ@VGs=-4.5V(Typ)
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current
capability




Similar Part No. - 2SJ601

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SJ601 KEXIN-2SJ601 Datasheet
51Kb / 2P
MOS Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
2SJ601 DOINGTER-2SJ601 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
2SJ601 RENESAS-2SJ601 Datasheet
238Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ601-Z NEC-2SJ601-Z Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - 2SJ601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com