Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ601 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ601 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ601
Download  2SJ601 Download
File Size   51.52 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ601 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ601 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ601
Download  2SJ601 Click to download

File Size   51.52 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SJ601 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ601 Product details

MOS Field Effect Transistor



Features

Low on-resistance

RDS(on)1 = 31 m MAX. (VGS =-10 V, ID = -18 A)

RDS(on)2 = 46m MAX. (VGS = -4.0 V, ID =-18 A)

Low Ciss: Ciss = 3300 pF TYP.

Built-in gate protection diode




Similar Part No. - 2SJ601

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
SHENZHEN DOINGTER SEMIC...
2SJ601 DOINGTER-2SJ601 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
2SJ601 RENESAS-2SJ601 Datasheet
238Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
TECH PUBLIC Electronics...
2SJ601 TECHPUBLIC-2SJ601 Datasheet
2Mb / 5P
P-Channel 60-V (D-S) MOSFET
logo
NEC
2SJ601-Z NEC-2SJ601-Z Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - 2SJ601

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com