Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN302P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDN302P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDN302P
Download  FDN302P Download
File Size   12005.79 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement-Mode MOS FETs

FDN302P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN302P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDN302P
Download  FDN302P Click to download

File Size   12005.79 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement-Mode MOS FETs

FDN302P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDN302P Product details

Product Summary
Vps = -20V,Ip = -3A
Rosion) < 140mQ @ Ves=-2.5V
Roson) < 110mQ @ Ves=-4.5V
Package SOT-23




Similar Part No. - FDN302P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
logo
Texas Instruments
FDN302P TI1-FDN302P Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
FDN302P TI1-FDN302P Datasheet
2Mb / 27P
Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN302P EVVOSEMI-FDN302P Datasheet
295Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
Rev:2023A2
More results


Similar Description - FDN302P

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2301 GSME-GM2301 Datasheet
317Kb / 3P
P-Channel Enhancement-Mode MOS FETs
GM2321 GSME-GM2321 Datasheet
300Kb / 3P
P-Channel Enhancement-Mode MOS FETs
logo
Shanghai Leiditech Elec...
LMS2301AL LEIDITECH-LMS2301AL Datasheet
1Mb / 3P
P-Channel Enhancement-Mode MOS FETs
LM3401A LEIDITECH-LM3401A Datasheet
819Kb / 4P
P-Channel Enhancement-Mode MOS FETs
logo
TECH PUBLIC Electronics...
SI2301ADS TECHPUBLIC-SI2301ADS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301CDS TECHPUBLIC-SI2301CDS Datasheet
13Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301DS TECHPUBLIC-SI2301DS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
TPM2301GS3 TECHPUBLIC-TPM2301GS3 Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN342P TECHPUBLIC-FDN342P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com