Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN342P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDN342P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDN342P
Download  FDN342P Download
File Size   12001.95 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement-Mode MOS FETs

FDN342P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN342P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDN342P
Download  FDN342P Click to download

File Size   12001.95 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement-Mode MOS FETs

FDN342P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDN342P Product details

Product Summary
Vps = -20V,Ip = -3A
Rosion) < 140mQ @ Ves=-2.5V
Roson) < 110mQ @ Ves=-4.5V
Package SOT-23




Similar Part No. - FDN342P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
P-Channel 2.5V Specified PowerTrench??MOSFET
More results


Similar Description - FDN342P

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2301 GSME-GM2301 Datasheet
317Kb / 3P
P-Channel Enhancement-Mode MOS FETs
GM2321 GSME-GM2321 Datasheet
300Kb / 3P
P-Channel Enhancement-Mode MOS FETs
logo
Shanghai Leiditech Elec...
LMS2301AL LEIDITECH-LMS2301AL Datasheet
1Mb / 3P
P-Channel Enhancement-Mode MOS FETs
LM3401A LEIDITECH-LM3401A Datasheet
819Kb / 4P
P-Channel Enhancement-Mode MOS FETs
logo
TECH PUBLIC Electronics...
SI2301ADS TECHPUBLIC-SI2301ADS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301CDS TECHPUBLIC-SI2301CDS Datasheet
13Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301DS TECHPUBLIC-SI2301DS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
TPM2301GS3 TECHPUBLIC-TPM2301GS3 Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com