Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9704 Datasheet (PDF) - Analog Devices

AD9704 Datasheet PDF - Analog Devices
Part # AD9704
Download  AD9704 Download
File Size   2130.19 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters

AD9704 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9704 Datasheet PDF - Analog Devices

Part # AD9704
Download  AD9704 Click to download

File Size   2130.19 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters

AD9704 Datasheet (HTML) - Analog Devices


AD9704 Product details

GENERAL DESCRIPTION
The AD9704/AD9705/AD9706/AD9707 are the fourthgeneration family in the TxDAC series of high performance, CMOS digital-to-analog converters (DACs). This pin-compatible, 8–/10–/12–/14–bit resolution family is optimized for low power operation, while maintaining excellent dynamic performance.

FEATURES
    Pin-compatible family
    Low power member of pin-compatible TxDAC product family
    Power dissipation @ 3.3 V 22 mW @ 10 MSPS 25 mW @ 25 MSPS 30 mW @ 50 MSPS
    Sleep mode: 3.1 mW @ 3.3 V
    Supply voltage: 1.7 V to 3.6 V
    SFDR to Nyquist AD9707: 84 dBc @ 5 MHz output AD9707: 83 dBc @ 10 MHz output AD9707: 75 dBc @ 20 MHz output
    AD9707 NSD @ 10 MHz output, 125 MSPS: −147 dBc/Hz
    Differential current outputs: 1 mA to 5 mA
    Data format: twos complement or straight binary
    On-chip 1.0 V reference
    CMOS-compatible digital interface
    Edge-triggered latches
    Clock input: single-ended and differential
    Output common mode: adjustable 0 V to 1.2 V
    Power-down mode < 2 mW @ 3.3 V (SPI® controllable)
    Serial peripheral interface (SPI)
    Self-calibration
    32-lead LFCSP_VQ, Pb-free package




Similar Part No. - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9704 AD-AD9704 Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
AD9704-DPG2-EBZ AD-AD9704-DPG2-EBZ Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
AD9704BCPZ AD-AD9704BCPZ Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
AD9704BCPZRL7 AD-AD9704BCPZRL7 Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
AD9704 AD-AD9704_17 Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
More results


Similar Description - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9734 AD-AD9734 Datasheet
934Kb / 42P
14/12/10-Bit, 1200 MSPS D/A Converters
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com