Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD95160 Datasheet (PDF) - Analog Devices

AD95160 Datasheet PDF - Analog Devices
Part # AD95160
Download  AD95160 Download
File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Channel Clock Generator with Integrated 2.8 GHz VCO

AD95160 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD95160 Datasheet PDF - Analog Devices

Part # AD95160
Download  AD95160 Click to download

File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Channel Clock Generator with Integrated 2.8 GHz VCO

AD95160 Datasheet (HTML) - Analog Devices


AD95160 Product details

GENERAL DESCRIPTION
The AD9516-0 generates up to fourteen output clocks from a single input reference frequency. Integrated on chip is a complete PLL with VCO, programmable dividers, adjustable delay blocks, and multiple output logic stages. Sub-picosecond jitter performance is maintained using on-chip 2.60 – 2.95 GHz VCO. The AD9516 also supports the use of an external VCO/VCXO/VCSO up to 2.4 GHz.

FEATURES
   Low Broadband Jitter, < 500 Femtoseconds RMS
   On-Chip 2.60 GHz – 2.95 GHz VCO
   Low Phase Noise, Integer-N Frequency Synthesizer
      Digital or Analog PLL Lock Detect
      Programmable Delays in R and N path
      Supports Internal or External VCO
   Two Reference Clock Inputs, A and B
      Frequencies to 250 MHz
      On-Chip Reference Clock Monitors
      Auto and Manual Switchover, Holdover
   Up to 14 Low Jitter Clock Drivers
      Six LVPECL Outputs Operate to Max VCO Frequency
      Four/Eight LVDS/CMOS outputs run 1 GHz/250 MHz
   Programmable Dividers with Phase Offset
   Programmable Delay on Four Channels
   Serial Control Port
   64-lead LFCSP package

APPLICATIONS
   Low Jitter Clock Generation and Clock Distribution
   Wired and Wireless Infrastructure
   Base Stations, Optical Networks, Cable Head-Ends
   Instrumentation and Imaging
   Test Equipment, ATE
   Clean Clocks for ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
   Clock Cleanup and Distribution for Line Cards




Similar Part No. - AD95160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
14-Channel Clock Generator with Integrated 2.8 GHz VCO
AD9516-0 AD-AD9516-0 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0 AD-AD9516-0 Datasheet
707Kb / 8P
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-0/PCBZ AD-AD9516-0/PCBZ Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0BCPZ AD-AD9516-0BCPZ Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
More results


Similar Description - AD95160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
14-Channel Clock Generator with Integrated 2.8 GHz VCO
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9517-0ABCPZ AD-AD9517-0ABCPZ Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-0BCPZ AD-AD9517-0BCPZ Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
AD9517-0 AD-AD9517-0_15 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com