Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0 Datasheet (PDF) - Analog Devices

AD9516-0 Datasheet PDF - Analog Devices
Part # AD9516-0
Download  AD9516-0 Download
File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Channel Clock Generator with Integrated 2.8 GHz VCO

AD9516-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9516-0 Datasheet PDF - Analog Devices

Part # AD9516-0
Download  AD9516-0 Click to download

File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Channel Clock Generator with Integrated 2.8 GHz VCO

AD9516-0 Datasheet (HTML) - Analog Devices


AD9516-0 Product details

GENERAL DESCRIPTION
The AD9516-01 provides a multi-output clock distribution function with subpicosecond jitter performance, along with an on chip PLL and VCO. The on-chip VCO tunes from 2.55 GHz to 2.95 GHz. Optionally, an external VCO/VCXO of up to 2.4 GHz may be used.
The AD9516-0 emphasizes low jitter and phase noise to maximize data converter performance, and can benefit other applications with demanding phase noise and jitter requirements.
The AD9516-0 features six LVPECL outputs (in three pairs); four LVDS outputs (in two pairs); and eight CMOS outputs (two per LVDS output). The LVPECL outputs operate to 1.6 GHz, the LVDS outputs operate to 800 MHz, and the CMOS outputs operate to 250 MHz

FEATURES
  Low phase noise, phase-locked loop
     On-chip VCO tunes from 2.55 GHz to 2.95 GHz
     External VCO/VCXO to 2.4 GHz optional
     One differential or two single-ended reference inputs
     Reference monitoring capability
     Auto and manual reference switchover/holdover modes
     Autorecover from holdover
     Accepts references to 250 MHz
     Programmable delays in path to PFD
     Digital or analog lock detect, selectable
  3 pairs of 1.6 GHz LVPECL outputs
     Each pair shares 1 to 32 divider with coarse phase delay
     Additive output jitter 225 fS rms
     Channel-to-channel skew paired outputs <10 ps
  2 pairs of 800 MHz LVDS clock outputs
     Each pair shares two cascaded 1 to 32 dividers with coarse phase delay
     Additive output jitter 275 fS rms
     Fine delay adjust (ΔT) on each LVDS output
  Eight 250 MHz CMOS outputs (two per LVDS output)
  Automatic synchronization of all outputs on power-up
  Manual synchronization of outputs as needed
  Serial control port
  64-lead LFCSP

APPLICATIONS
  Low jitter, low phase noise clock distribution
  Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
  High performance wireless transceivers
  High performance instrumentation
  Broadband infrastructure
  ATE




Similar Part No. - AD9516-0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0 AD-AD9516-0 Datasheet
707Kb / 8P
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-0/PCBZ AD-AD9516-0/PCBZ Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0BCPZ AD-AD9516-0BCPZ Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-0BCPZ-REEL7 AD-AD9516-0BCPZ-REEL7 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
More results


Similar Description - AD9516-0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD95160 AD-AD95160 Datasheet
76Kb / 2P
14-Channel Clock Generator with Integrated 2.8 GHz VCO
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9517-0ABCPZ AD-AD9517-0ABCPZ Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-0BCPZ AD-AD9517-0BCPZ Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
AD9517-0 AD-AD9517-0_15 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com