Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YRMZ Datasheet (PDF) - Analog Devices

ADA4841-2YRMZ Datasheet PDF - Analog Devices
Part # ADA4841-2YRMZ
Download  ADA4841-2YRMZ Download
File Size   588.1 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier

ADA4841-2YRMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4841-2YRMZ Datasheet PDF - Analog Devices

Part # ADA4841-2YRMZ
Download  ADA4841-2YRMZ Click to download

File Size   588.1 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier

ADA4841-2YRMZ Datasheet (HTML) - Analog Devices


ADA4841-2YRMZ Product details

GENERAL DESCRIPTION
The ADA4841-1/ADA4841-2 are unity gain stable, low noise and distortion, rail-to-rail output amplifiers that have a quiescent current of 1.5 mA maximum. Despite their low power consumption, these amplifiers offer low wideband voltage noise performance of 2.1 nV/√Hz and 1.4 pA/√Hz current noise, along with excellent spurious-free dynamic range (SFDR) of −105 dBc at 100 kHz. To maintain a low noise environment at lower frequencies, the amplifiers have low 1/f noise of 7 nV/√Hz and 13 pA/√Hz at 10 Hz.

FEATURES
Low power: 1.1 mA/amp
Low wideband noise
  2.1 nV/√Hz
  1.4 pA/√Hz
Low 1/f noise
  7 nV/√Hz @ 10 Hz
  13 pA/√Hz @ 10 Hz
Low distortion: −105 dBc @ 100 kHz, VO = 2 V p-p
High speed
  80 MHz, −3 dB bandwidth (G = +1)
  12 V/μs slew rate
  175 ns settling time to 0.1%
Low offset voltage: 0.3 mV maximum
Rail-to-rail output
Power down
Wide supply range: 2.7 V to 12 V

APPLICATIONS
Low power, low noise signal processing
Battery-powered instrumentation
16-bit PulSAR® ADC drivers




Similar Part No. - ADA4841-2YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
ADA4841-2YRMZ-R7 AD-ADA4841-2YRMZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ-R7 AD-ADA4841-2YRMZ-R7 Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
More results


Similar Description - ADA4841-2YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com