Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YRMZ Datasheet (PDF) - Analog Devices

ADA4841-2YRMZ Datasheet PDF - Analog Devices
Part # ADA4841-2YRMZ
Download  ADA4841-2YRMZ Download
File Size   701.44 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers

ADA4841-2YRMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4841-2YRMZ Datasheet PDF - Analog Devices

Part # ADA4841-2YRMZ
Download  ADA4841-2YRMZ Click to download

File Size   701.44 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers

ADA4841-2YRMZ Datasheet (HTML) - Analog Devices


ADA4841-2YRMZ Product details

GENERAL DESCRIPTION
The ADA4841-1/ADA4841-2 are unity gain stable, low noise and distortion, rail-to-rail output amplifiers that have a quiescent current of 1.5 mA maximum. Despite their low power consumption, these amplifiers offer low wideband voltage noise performance of 2.1 nV/√Hz and 1.4 pA/√Hz current noise, along with excellent spurious-free dynamic range (SFDR) of −105 dBc at 100 kHz. To maintain a low noise environment at lower frequencies, the amplifiers have low 1/f noise of 7 nV/√Hz and 13 pA/√Hz at 10 Hz.

FEATURES
Low power: 1.1 mA/amp
Low wideband noise
  2.1 nV/√Hz
  1.4 pA/√Hz
Low 1/f noise
  7 nV/√Hz @ 10 Hz
  13 pA/√Hz @ 10 Hz
Low distortion: −105 dBc @ 100 kHz, VO = 2 V p-p
High speed
  80 MHz, −3 dB bandwidth (G = +1)
  12 V/μs slew rate
  175 ns settling time to 0.1%
Low offset voltage: 0.3 mV maximum
Rail-to-rail output
Power down
Wide supply range: 2.7 V to 12 V

APPLICATIONS
Low power, low noise signal processing
Battery-powered instrumentation
16-bit PulSAR® ADC drivers




Similar Part No. - ADA4841-2YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
588Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
3/06-Rev. B to Rev. C
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
ADA4841-2YRMZ-R7 AD-ADA4841-2YRMZ-R7 Datasheet
588Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
3/06-Rev. B to Rev. C
ADA4841-2YRMZ-R7 AD-ADA4841-2YRMZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
More results


Similar Description - ADA4841-2YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
3/06-Rev. B to Rev. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com