Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZP-00MD00 Datasheet (PDF) - ams AG

LZP-00MD00 Datasheet PDF - ams AG
Part # LZP-00MD00
Download  LZP-00MD00 Download
File Size   2200.36 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Industry’s most robust high power ceramic package with glass lens for high performance over life.

LZP-00MD00 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZP-00MD00 Datasheet PDF - ams AG

Part # LZP-00MD00
Download  LZP-00MD00 Click to download

File Size   2200.36 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Industry’s most robust high power ceramic package with glass lens for high performance over life.

LZP-00MD00 Datasheet (HTML) - ams AG


LZP-00MD00 Product details

Features
- Package: Ceramic package with integrated glass lens
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120°
- Color: λdom = 623 nm (● red); λdom = 523 nm (● true green); λdom = 457 nm (● blue); Cx = 0.32, Cy = 0.33
acc. to CIE 1931 (● cool white)
- CRI: 75 (typ.)





Similar Part No. - LZP-00MD00

ManufacturerPart #DatasheetDescription
logo
ams AG
LZP-L0MD00 AMSCO-LZP-L0MD00 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MD00.
Version 1.2 2022-05-17
LZP-L0MD00-0000 AMSCO-LZP-L0MD00-0000 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MD00.
Version 1.2 2022-05-17
LZP-W0MN00 AMSCO-LZP-W0MN00 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Connectorized MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MN00.
Version 1.2 2022-05-17
LZP-W0MN00-0000 AMSCO-LZP-W0MN00-0000 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Connectorized MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MN00.
Version 1.2 2022-05-17
More results


Similar Description - LZP-00MD00

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
Long life and robust package
logo
ams AG
LZ1-00B202 AMSCO-LZ1-00B202 Datasheet
1Mb / 22P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ4-00A108 AMSCO-LZ4-00A108 Datasheet
1Mb / 22P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.7 2022-06-09
LZ4-00UB0R AMSCO-LZ4-00UB0R Datasheet
1Mb / 19P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.2 2023-06-28
LZ4-00W408 AMSCO-LZ4-00W408 Datasheet
2Mb / 28P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2022-05-20
LZ1-00DB00 AMSCO-LZ1-00DB00 Datasheet
872Kb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
LZ1-00R102 AMSCO-LZ1-00R102 Datasheet
1Mb / 22P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ1-00UBN0 AMSCO-LZ1-00UBN0 Datasheet
1Mb / 23P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ4-00MC08 AMSCO-LZ4-00MC08 Datasheet
2Mb / 27P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.3 2023-07-12
LZ4-00R108 AMSCO-LZ4-00R108 Datasheet
1Mb / 20P
Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.9 2021-07-07
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com