Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZP-L0MD00 Datasheet (PDF) - ams AG

LZP-L0MD00 Datasheet PDF - ams AG
Part # LZP-L0MD00
Download  LZP-L0MD00 Download
File Size   1570.73 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LZP Emitter on 4-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MD00.

LZP-L0MD00 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZP-L0MD00 Datasheet PDF - ams AG

Part # LZP-L0MD00
Download  LZP-L0MD00 Click to download

File Size   1570.73 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LZP Emitter on 4-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MD00.

LZP-L0MD00 Datasheet (HTML) - ams AG


LZP-L0MD00 Product details

Features
- Thermal Resistance: 0.1 K/W (only MCPCB without emitter)
- Diameter of MCPCB: 28.3 mm




Similar Part No. - LZP-L0MD00

ManufacturerPart #DatasheetDescription
logo
ams AG
LZP-00MD00 AMSCO-LZP-00MD00 Datasheet
2Mb / 26P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.11 2023-07-14
LZP-00MD00-0000_G2 AMSCO-LZP-00MD00-0000_G2 Datasheet
2Mb / 26P
Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.11 2023-07-14
LZP-W0MN00 AMSCO-LZP-W0MN00 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Connectorized MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MN00.
Version 1.2 2022-05-17
LZP-W0MN00-0000 AMSCO-LZP-W0MN00-0000 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Connectorized MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MN00.
Version 1.2 2022-05-17
More results


Similar Description - LZP-L0MD00

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-87XXCT-XX-X DBLECTRO-BTP-87XXCT-XX-X Datasheet
403Kb / 6P
BriLux 1W Star Emitter
logo
HB Electronic Component...
E12EB7C HB-E12EB7C Datasheet
350Kb / 3P
EMITTER
logo
ams AG
LZP-W0MN00 AMSCO-LZP-W0MN00 Datasheet
1Mb / 14P
LZP Emitter on 4-Channel Connectorized MCPCB For emitter specification, please refer to the emitter datasheet LZP-00MN00.
Version 1.2 2022-05-17
LZ1-10CW02 AMSCO-LZ1-10CW02 Datasheet
1Mb / 14P
LZ1 Emitter on MCPCB For emitter specification, please refer to the emitter datasheet LZ1-00CW02.
Version 1.1 2022-05-18
LZ1-10R102 AMSCO-LZ1-10R102 Datasheet
1Mb / 14P
LZ1 Emitter on MCPCB For emitter specification, please refer to the emitter datasheet LZ1-00R102.
Version 1.1 2022-05-18
LZ1-10R802 AMSCO-LZ1-10R802 Datasheet
1Mb / 14P
LZ1 Emitter on MCPCB For emitter specification, please refer to the emitter datasheet LZ1-00R802.
Version 1.1 2022-05-18
LZ1-10UV0R AMSCO-LZ1-10UV0R Datasheet
1Mb / 14P
LZ1 Emitter on MCPCB For emitter specification, please refer to the emitter datasheet LZ1-00UV0R.
Version 1.1 2022-05-18
LZ1-30UV0R AMSCO-LZ1-30UV0R Datasheet
1Mb / 14P
LZ1 Emitter on MCPCB For emitter specification, please refer to the emitter datasheet LZ1-00UV0R.
Version 1.1 2022-05-18
LZ4-40R108 AMSCO-LZ4-40R108 Datasheet
1Mb / 14P
LZ4 Emitter on 1-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZ4-00R108.
Version 1.1 2022-05-19
LZ4-V0UB0R AMSCO-LZ4-V0UB0R Datasheet
1Mb / 14P
LZ4 Emitter on 4-Channel Star MCPCB For emitter specification, please refer to the emitter datasheet LZ4-00UB0R.
Version 1.1 2022-05-19
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com