Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37213 Datasheet (PDF) - ams AG

TMD37213 Datasheet PDF - ams AG
Part # TMD37213
Download  TMD37213 Download
File Size   2099.7 Kbytes
Page   89 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ALS/Color and Proximity Sensor Module for Behind OLED Applications

TMD37213 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD37213 Datasheet PDF - ams AG

Part # TMD37213
Download  TMD37213 Click to download

File Size   2099.7 Kbytes
Page   89 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ALS/Color and Proximity Sensor Module for Behind OLED Applications

TMD37213 Datasheet (HTML) - ams AG


TMD37213 Product details

Features
• Integrated factory calibrated 940nm IR VCSEL
• Display synchronization with highly programmable
Proximity Start Delay (PSD)
• Crosstalk and ambient light cancellation
• Optimized sensitivity and noise level
• Wide configuration range
• Red, green, blue and clear ALS channels with
improved sensitivity
• Highly programmable gain and integration time
• Display synchronization with highly programmable
ALS Start Delay (ASD)
• 737kHz ALS clock rate
• 1KB FIFO
• 1.8V power supply with 1.8V I²C bus
• Configurable sleep mode
• Interrupt driven device
• Proximity saturation flag
• Digital and analog ALS saturation flags
• VSYNC status check




Similar Part No. - TMD37213

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMD37213 OSRAM-TMD37213 Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD37213M OSRAM-TMD37213M Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
More results


Similar Description - TMD37213

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com