Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37213 Datasheet (PDF) - OSRAM GmbH

TMD37213 Datasheet PDF - OSRAM GmbH
Part # TMD37213
Download  TMD37213 Download
File Size   2099.86 Kbytes
Page   89 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS/Color and Proximity Sensor Module for Behind OLED Applications

TMD37213 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD37213 Datasheet PDF - OSRAM GmbH

Part # TMD37213
Download  TMD37213 Click to download

File Size   2099.86 Kbytes
Page   89 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS/Color and Proximity Sensor Module for Behind OLED Applications

TMD37213 Datasheet (HTML) - OSRAM GmbH


TMD37213 Product details

Features
• Integrated factory calibrated 940nm IR VCSEL
• Display synchronization with highly programmable
Proximity Start Delay (PSD)
• Crosstalk and ambient light cancellation
• Optimized sensitivity and noise level
• Wide configuration range
• Red, green, blue and clear ALS channels with
improved sensitivity
• Highly programmable gain and integration time
• Display synchronization with highly programmable
ALS Start Delay (ASD)
• 737kHz ALS clock rate
• 1KB FIFO
• 1.8V power supply with 1.8V I²C bus
• Configurable sleep mode
• Interrupt driven device
• Proximity saturation flag
• Digital and analog ALS saturation flags
• VSYNC status check




Similar Part No. - TMD37213

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD37213 AMSCO-TMD37213 Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD37213M AMSCO-TMD37213M Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
More results


Similar Description - TMD37213

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3721 AMSCO-TMD3721 Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com