Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37213 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TMD37213
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37213 Datasheet(HTML) 3 Page - OSRAM GmbH

  TMD37213 Datasheet HTML 1Page - OSRAM GmbH TMD37213 Datasheet HTML 2Page - OSRAM GmbH TMD37213 Datasheet HTML 3Page - OSRAM GmbH TMD37213 Datasheet HTML 4Page - OSRAM GmbH TMD37213 Datasheet HTML 5Page - OSRAM GmbH TMD37213 Datasheet HTML 6Page - OSRAM GmbH TMD37213 Datasheet HTML 7Page - OSRAM GmbH TMD37213 Datasheet HTML 8Page - OSRAM GmbH TMD37213 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
Page 2
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − General Description
Key Benefits & Features
The benefits and features of TMD3721 are listed below:
Figure 1:
Added Value of Using TMD3721
Applications
The TMD3721 applications include:
• Brightness management for displays
• Color management for displays
• Proximity detection for mobile phones
Benefits
Features
• Proximity detection behind OLED displays
• Integrated factory calibrated 940nm IR VCSEL
• Display synchronization with highly programmable
Proximity Start Delay (PSD)
• Crosstalk and ambient light cancellation
• Optimized sensitivity and noise level
• Wide configuration range
• Ambient light sensing behind OLED displays
• Red, green, blue and clear ALS channels with
improved sensitivity
• Highly programmable gain and integration time
• Display synchronization with highly programmable
ALS Start Delay (ASD)
• 737kHz ALS clock rate
• 1KB FIFO
• Low power consumption
• 1.8V power supply with 1.8V I²C bus
• Configurable sleep mode
• Interrupt driven device
• Integrated status checking for all functions
• Proximity saturation flag
• Digital and analog ALS saturation flags
• VSYNC status check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com