Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37213 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TMD37213
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37213 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TMD37213 Datasheet HTML 35Page - OSRAM GmbH TMD37213 Datasheet HTML 36Page - OSRAM GmbH TMD37213 Datasheet HTML 37Page - OSRAM GmbH TMD37213 Datasheet HTML 38Page - OSRAM GmbH TMD37213 Datasheet HTML 39Page - OSRAM GmbH TMD37213 Datasheet HTML 40Page - OSRAM GmbH TMD37213 Datasheet HTML 41Page - OSRAM GmbH TMD37213 Datasheet HTML 42Page - OSRAM GmbH TMD37213 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Page 38
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
AGAIN_3_2 Register (Address 0x96)
Figure 49:
AGAIN_3_2 Register
LDR0_CFG Register (Address 0x9A)
Figure 50:
LDR0_CFG Register
Addr: 0x96
AGAIN_3_2
Bit
Bit Name
Default
Access
Bit Description
7:4
AGAIN3
1100
RW
This field sets the gain of ALS channel 3. See AGAIN1
for the detailed settings.
3:0
AGAIN2
1100
RW
This field sets the gain of ALS channel 2. See AGAIN1
for the detailed settings.
Addr: 0x9A
LDR0_CFG
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6EN_LDR_0
1
RW
Enables the LDR0.
5:4
ISINK_LSB
01
RW
This field sets VCSEL drive current resolution
Value
VCSEL Drive Current Resolution
00
0.5mA
01
1.0mA
10
1.5mA
11
2.0mA
3:0
PLDRIVE0
0010
RW
This field sets the drive current of the VCSEL driver 0.
The formula is shown below:
Drive Current 0=(PLDRIVE0+1) x ISINK_LSB.
The drive current should be configured within the range
of 7mA ~12mA.
The values are the nominal current. The actual current
through the VCSEL is factory trimmed to normalize the IR
intensity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com