Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV444 Datasheet (PDF) - WOLFSPEED, INC.

CAV444 Datasheet PDF - WOLFSPEED, INC.
Part # CAV444
Download  CAV444 Download
File Size   480.01 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Linear C/V-Converter for capacitive input signals

CAV444 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAV444 Datasheet PDF - WOLFSPEED, INC.

Part # CAV444
Download  CAV444 Click to download

File Size   480.01 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Linear C/V-Converter for capacitive input signals

CAV444 Datasheet (HTML) - WOLFSPEED, INC.


CAV444 Product details

FEATURES
• large measurement capacitance input
range: 10pF up to 10nF
• ratiometric voltage output
• linear transfer function
• adjustable offset and gain
• fast response time
• measurement oscillator frequency:
1kHz-240kHz
• integrated temperature sensor
• supply voltage 5V ± 5%
• large temperature range:
–40°C...+105°C
• easy-to-use calibration procedure
(Excel–sheet)
• available in SO16 or as die
• RoHS conform
BLOCK DIAGRAM
GENERAL DESCRIPTION
CAV444 is an integrated C/V converter suitable for
the signal-processing in capacitive sensor systems. Its output voltage is a linear function of the
connected measurement capacitance CM and ratiometric to the supply voltage.
The IC is completely analog leading to a fast response time and a resolution only limited by the
signal to noise ratio.
CAV444 provides the complete electronics needed
for the conversion of capacitive input signals into
voltage output signals, which can be amplified and
offset adjusted using external trimming resistors.
The IC can be used as stand-alone analog signalprocessing IC or as front-end for a micro processor
for electronically calibratable sensor systems.
An Excel-sheet simplifies the external component’s
dimensioning as well as the trimming of complete
sensor systems.




Similar Part No. - CAV444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CAV444 AD-CAV444 Datasheet
263Kb / 12P
C/V transmitter IC with adjustable output voltage for capacitive input signals
logo
Analog Microelectronics...
CAV444 ANALOGMICRO-CAV444 Datasheet
480Kb / 12P
Linear C/V-Converter for capacitive input signals
May 2014
More results


Similar Description - CAV444

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
Converter IC for Capacitive Signals
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
Converter IC for Capacitive Signals
logo
Tyco Electronics
CDEUW MACOM-CDEUW Datasheet
274Kb / 2P
CDEUW Series (Capacitive Input)
CDEUW MACOM-CDEUW_11 Datasheet
349Kb / 2P
CDEUW Series (Capacitive Input)
logo
Analog Devices
CAV444 AD-CAV444 Datasheet
263Kb / 12P
C/V transmitter IC with adjustable output voltage for capacitive input signals
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
Control input signals are switch configurable
logo
PHOENIX CONTACT
2700458 PHOENIX-2700458 Datasheet
75Kb / 5P
4 analog differential input channels for connecting current signals
2700459 PHOENIX-2700459 Datasheet
198Kb / 11P
Inline analog input terminal, 4 inputs for connecting voltage signals
logo
WOLFSPEED, INC.
CAV424 WOLFSPEED-CAV424 Datasheet
573Kb / 14P
C/V-converter for single and differential capacitive input signals
July 2014 Rev. 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com