Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet (PDF) - WOLFSPEED, INC.

CAV424 Datasheet PDF - WOLFSPEED, INC.
Part # CAV424
Download  CAV424 Download
File Size   573.89 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description C/V-converter for single and differential capacitive input signals

CAV424 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAV424 Datasheet PDF - WOLFSPEED, INC.

Part # CAV424
Download  CAV424 Click to download

File Size   573.89 Kbytes
Page   14 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description C/V-converter for single and differential capacitive input signals

CAV424 Datasheet (HTML) - WOLFSPEED, INC.


CAV424 Product details

FEATURES
• large measurement capacitance range:
5 pF up to 40 nF
• suitable for single and differential capacitive sensor heads
• high detection sensitivity
• ratiometric voltage output
• adjustable offset and gain
• fast response time
• integrated temperature sensor
• supply voltage 5V ± 5%
• large temperature range: –40°C...+105°C
• easy-to-use calibration procedure (Excelsheet)
• available in SO16 or as Die
• RoHS conform
GENERAL DESCRIPTION
CAV424 is an integrated C/V-converter suitable
for the capacitance measurement in single or
differential capacitive sensor systems. Its output
voltage is a linear function of the reciprocal measurement capacitance and it is ratiometric to the
supply voltage.
The IC is completely analog leading to a fast response time and a resolution only limited by the
signal to noise ratio.
CAV424 provides the complete electronics
needed for the conversion of single or differential
capactive input signals into voltage output signals,
which can be an amplified and offset adjusted
using external trimming resistors.
The IC can be used as stand-alone analog signalprocessing IC or as front-end for a micro processor for electronically calibratable sensor systems.
An Excel-sheet simplifies the external component’s dimensioning as well as the trimming of
complete sensor systems.




Similar Part No. - CAV424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
Converter IC for Capacitive Signals
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
C/U transducer IC with adjustable output voltage
logo
Analog Microelectronics...
CAV424 ANALOGMICRO-CAV424 Datasheet
574Kb / 14P
C/V-converter for single and differential capacitive input signals
July 2014
More results


Similar Description - CAV424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAV424 ETC-CAV424 Datasheet
74Kb / 7P
Converter IC for Capacitive Signals
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
Converter IC for Capacitive Signals
logo
Analog Devices
CAV444 AD-CAV444 Datasheet
263Kb / 12P
C/V transmitter IC with adjustable output voltage for capacitive input signals
logo
STMicroelectronics
STM8T143AU62TTR STMICROELECTRONICS-STM8T143AU62TTR Datasheet
1Mb / 65P
Single-channel capacitive sensor for touch and proximity detection
18-Oct-2013
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
List of Unclassifed Man...
IQS904 ETC2-IQS904 Datasheet
470Kb / 24P
Single Channel Capacitive Sensor and Controller for Dimmer
logo
Texas Instruments
THS1009 TI1-THS1009_14 Datasheet
310Kb / 31P
Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
PHOENIX CONTACT
2700458 PHOENIX-2700458 Datasheet
75Kb / 5P
4 analog differential input channels for connecting current signals
logo
WOLFSPEED, INC.
CAV444 WOLFSPEED-CAV444 Datasheet
480Kb / 12P
Linear C/V-Converter for capacitive input signals
May 2014 Rev. 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com