Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CAV424 Datasheet HTML 1Page - WOLFSPEED, INC. CAV424 Datasheet HTML 2Page - WOLFSPEED, INC. CAV424 Datasheet HTML 3Page - WOLFSPEED, INC. CAV424 Datasheet HTML 4Page - WOLFSPEED, INC. CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 3/14
www.analogmicro.de
FEATURES
•
large measurement capacitance range:
5 pF up to 40 nF
•
suitable for single and differential capaci-
tive sensor heads
•
high detection sensitivity
•
ratiometric voltage output
•
adjustable offset and gain
•
fast response time
• integrated temperature sensor
• supply voltage 5V ± 5%
• large temperature range: –40°C...+105°C
•
easy-to-use calibration procedure (Excel-
sheet)
•
available in SO16 or as Die
•
RoHS conform
GENERAL DESCRIPTION
CAV424 is an integrated C/V-converter suitable
for the capacitance measurement in single or
differential capacitive sensor systems. Its output
voltage is a linear function of the reciprocal meas-
urement capacitance and it is ratiometric to the
supply voltage.
The IC is completely analog leading to a fast re-
sponse time and a resolution only limited by the
signal to noise ratio.
CAV424
provides
the
complete
electronics
needed for the conversion of single or differential
capactive input signals into voltage output signals,
which can be an amplified and offset adjusted
using external trimming resistors.
The IC can be used as stand-alone analog signal-
processing IC or as front-end for a micro proces-
sor for electronically calibratable sensor systems.
An Excel-sheet simplifies the external compo-
nent’s dimensioning as well as the trimming of
complete sensor systems.
BLOCK DIAGRAM
Figure 1: CAV424's block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com