Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 9 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. CAV424 Datasheet HTML 11Page - WOLFSPEED, INC. CAV424 Datasheet HTML 12Page - WOLFSPEED, INC. CAV424 Datasheet HTML 13Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 9/14
www.analogmicro.de
APPLICATION INFORMATION
1. Transfer Function
For the capacitive sensor system shown in Figure 2 the output voltage VOUT at pin 5, which is referenced to
GND, is given by:
REF
M
CM
R
CR
OSC
OSC
OSC
M
OUT
V
C
R
C
R
R
C
V
C
V
+


⋅
−
⋅
⋅
⋅
⋅
∆
⋅
=
1
1
8
3
)
(
(8)
with
CM = variable measurement capacitance
CR = reference capacitance
COSC = oscillator capacitance
RCM = measurement integrator current resistor
RCR = reference integrator current resistor
ROSC = oscillator current resistor
∆
VOSC = voltage amplitude at the oscillator (with ∆VOSC = 2.15 V @ VCC = 5 V)
VREF = reference voltage (VREF = 2.5 V @ VCC = 5 V)
Using equation (8) it is easy to see that the output voltage is a linear function of the reciprocal measurement
capacitance 1/CM. The following relationships can be used to reduce the number of parameters and to en-
sure that CAV424 works properly:
1
min
,
M
CM
R
CR
C
R
C
R
⋅
=
⋅
and
min
,
55
.
0
M
OSC
CM
OSC
C
R
R
C
⋅
⋅
=
(9)
wherein CM,min is the specific minimum measurement capacitance of the measurement setup.
Inserting (9) into (8) leads to the following easy transfer function,
REF
M
M
M
OUT
V
C
C
C
V
+


−
⋅
=
min
,
1
44
.
0
)
(
.
(10)
wherein VOUT only depends on CM,min and CM.
Equation (10) is illustrated in Figure 5 for the measurement range ∆CM = CM,max – CM,min, wherein CM,max is
the specific maximum measurement capacitance of the measurement setup. For CM = CM,min equation (10)
leads to VOUT(CM,min) = VREF.
1
For an optimal and easy dimensioning of the external passive components Analog Microelectronics has developed the
Excel-sheet, Kali_CAV424 (see section “Further Literature”).
Figure 5: Output signal VOUT as a function of the measurement capacitance CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com