Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 2Page - WOLFSPEED, INC. CAV424 Datasheet HTML 3Page - WOLFSPEED, INC. CAV424 Datasheet HTML 4Page - WOLFSPEED, INC. CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 6/14
www.analogmicro.de
FUNCTIONAL PRINCIPLE
CAV424’s functional principle is described using Figure 2, where the functional blocks of the IC, the signal
patterns inside the IC and a basic external circuit with necessary passive components are illustrated.
The IC consists of seven functional blocks: the oscillator, the measurement integrator, the reference integra-
tor, the low pass filter, the output stage, the temperature sensor and the power supply. The power supply
block drives all the other blocks and also generates a reference voltage of 2.5 V. The temperature sensor
block provides an output voltage VTEMP proportional to the IC’s temperature. The capacitance measurement
path consists of the remaining five blocks and is described below.
CAV424 uses a differential measurement principle to evaluate the measurement capacitance CM. Using two
symmetric integrator blocks CM is measured against a reference capacitance CR. Both capacitances are
charged and discharged synchronously with constant current by their separate integrator blocks. The charge
currents for CM and CR can be adjusted using RCM and RCR respectively. The time constant for the charge
and discharge process is given by the oscillator block, whose frequency can be adjusted using COSC and
ROSC. The measurement and the reference integrator both generate a sawtooth output voltage with an ampli-
tude proportional to 1/CM and 1/CR respectively. At the low pass stage the difference of these sawtooth out-
put voltages is converted into a DC voltage. The output voltage VOUT at pin 5 is ratiometric to the supply volt-
age and is a linear function of 1/CM. It can be referenced to GND or to pin 6 to obtain the differential output
voltage VDIFF = VOUT – VREF. Using the circuit in Figure 6 the output signal’s offset and gain can be adjusted
too.
Figure 2: CAV424 with signal path and a basic circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com