Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  CAV424 Datasheet HTML 1Page - WOLFSPEED, INC. CAV424 Datasheet HTML 2Page - WOLFSPEED, INC. CAV424 Datasheet HTML 3Page - WOLFSPEED, INC. CAV424 Datasheet HTML 4Page - WOLFSPEED, INC. CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 4/14
www.analogmicro.de
SPECIFICATIONS
1. Electric Specifications
Tamb = 25°C, VCC = 5V, IOSC = 20µA, ICR = ICM = 2.5µA (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
System
Operating Temperature
Tamb
-40
105
°C
Supply Voltage
VCC
ratiometric range
4.75
5.00
5.25
V
Current consumption
ICC
Tamb = 25°C, G = 1
1.3
mA
Tamb = -40 .. 105°C, ICR = ICM = 25 µA
1.7
Measurement Capacitance
1), 2)
CM
5
40000
pF
Reference Capacitance Range
2)
CR
5
10000
pF
Output Voltage
3)
VOUT
1.0
4.0
V
Differential Output Voltage
VDIFF
VDIFF = VOUT - VREF
-1.5
1.5
V
Temperature Coefficient VOUT
4)
TCVOUT
dVOUT/(dT·VSPAN) @ Tamb = -40..85°C
±200
ppm/°C
Maximum Input Signal Frequency
5)
fsig,max
@ fOSC = 230 kHz, CF1 = CF2 = 2 nF
3.5
kHz
Minimal Response Time
6)
tRES,min
@ fOSC = 230 kHz, CF1 = CF2 = 2 nF
0.4
ms
Oscillator
Oscillator Capacitor Range
2)
COSC
20
11000
pF
Oscillator Frequency Range
fOSC
fOSC = VREF / (2·∆VOSC·ROSC·COSC)
1
240
kHz
Oscillator Voltage Amplitude
∆
VOSC
2.1
2.15
2.2
V
Oscillator Current Resistor
ROSC
50
125
kΩ
Oscillator Charge Current
IOSC
IOSC = VREF / ROSC
20
50
µA
Charge Current Spread
IOSC,var
@ ROSC = 125kΩ
19
20
21
µA
Reference Integrator (for CR)
Min. Ref. Integrator Voltage
VCR,min
@ Pin 16
1.15
1.2
1.25
V
Max. Ref. Integrator Voltage
VCR,max
@ Pin 16
4.1
V
Ref. Integrator Current Resistor
RCR
100
1250
kΩ
Ref. Integrator Charge Current
ICR
ICR = VREF /RCR
2
25
µA
Charge Current Spread
ICR,var
@RCR = 1000kΩ
2.4
2.5
2.6
µA
Measurement Integrator (for CM)
Min. Meas. Integrator Voltage
VCM,min
@ Pin 14
1.15
1.2
1.25
V
Max. Meas. Integrator Voltage
VCM,max
@ Pin 14
4.1
V
Meas. Integrator Current Resistor
RCM
100
1250
kΩ
Meas. Integrator Charge Current
ICM
ICM = VREF / RCM
2
25
µA
Charge Current Spread
ICM,var
@ RCM = 1000 kΩ
2.4
2.5
2.6
µA
Lowpass Stage
Internal Resistor 1 and 2
R01, R02
20
kΩ
Low Pass Filter Capacitors
7)
CF1, CF2
2
500
nF
Corner Frequency
fC
R01 = R02 = 20kΩ, CF1 = CF2 = 2 nF
4
kHz
LP-Stage Voltage Input
VLP,in
0.8
4.2
V
Offset Voltage
VLP,ofs
between Pin 15 and 13, VLP,in = VREF
-2
2
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com