Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 4Page - WOLFSPEED, INC. CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. CAV424 Datasheet HTML 11Page - WOLFSPEED, INC. CAV424 Datasheet HTML 12Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 8/14
www.analogmicro.de
Then for the next quarter of a period the capacitances CM and CR are discharged with twice the charge cur-
rent (2·ICM and 2·ICR) until VCLAMP is reached. VCLAMP is held for the last quarter of the period. Afterwards this
cycle starts again.
3. Signal Processing Unit (Low Pass Filter and Output Stage)
To generate a single voltage from the measurement and reference integrator voltage signals, VCM and VCR
are subtracted from each other and VREF is added. The resulting maximum voltage at the low pass stage’s
input is given by:
(
)
REF
M
CM
R
CR
OSC
REF
REF
CM
CR
in
LP
V
C
R
C
R
f
V
V
V
V
V
+


⋅
−
⋅
⋅
=
+
−
=
1
1
2
max
,
(5)
This voltage is integrated and averaged by the low pass filter block, which consists of two passive first order
low pass RC-networks decoupled by an operational amplifier. The filter resistors R01 = R02 = 20 kΩ are im-
plemented in CAV424 and the filter capacitors CF1 and CF2, which are external components, define the cor-
ner frequency fC:
Filter
C
C
k
f
⋅
Ω
⋅
=
20
2
1
π
with
CFilter = CF1 or CF2.
(6)
Typically the filter capacitors are chosen in such a way that CF1 = CF2 and fC = 10·fOSC, leading to a ripple
smaller than 1 ‰ of the output signal. The DC voltage at low pass filter’s output is given by:
(
)
REF
M
CM
R
CR
OSC
OSC
OSC
REF
CM
CR
DC
LP
V
C
R
C
R
V
C
R
V
V
V
V
+


⋅
−
⋅
⋅
∆
⋅
⋅
⋅
=
+
−
⋅
=
1
1
8
3
8
3
(7)
Using the circuit in Figure 2 this DC voltage is impedance transformed by the output stage. For this case the
output voltage VOUT at pin 5 is given by equation (8).
The DC voltage can be amplified and offset adjusted using the circuit in Figure 6. For that case the output
voltage VOUT at pin 5 is given by equation (11).
Figure 4: Measurement and reference integrator voltage signals over time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com