Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. CAV424 Datasheet HTML 11Page - WOLFSPEED, INC. CAV424 Datasheet HTML 12Page - WOLFSPEED, INC. CAV424 Datasheet HTML 13Page - WOLFSPEED, INC. CAV424 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 12/14
www.analogmicro.de
5. Operation Instructions
For first investigations Analog Microelectronics offers the BBCAV424, a pre-assembled breadboard (see
section “Accessories”) with easily adaptable measurement capacitance ranges, which can be used to study
the behavior of capacitance sensor heads as well.
Capacitive measurement heads with a single capacitive output signal have to be connected to pin 14 (CM).
In this case the reference capacitance is typically chosen as a ceramic capacitor with CR = CM,min, where
CM,min.is the specific minimum measurement capacitance.
If a differential capacitive measurement head with a measurement and an integrated reference capacitance
is used, a differential measurement can be made by connecting the measurement capacitance to pin 14
(CM) and the reference capacitance to pin 16 (CR).
For both cases it is recommended to do the external component’s dimensioning using the Excel-sheet
Kali_CAV424. To consider possible production variances in the capacitive measurement heads it is
recommended to do the dimensioning using the specific minimal value of CM,min and the maximal value of
CM,max. If a reference capacitance is integrated in the measurement head, the minimal reference capacitance
value should be used for CR as well.
To realize the dimensioning, calculated by the Excel-sheet, networks of not more than two resistors or
capacitors should be used. In many applications it is sufficient to use standard components, like e-series
capacitors, which fit to the calculated values within 5% (see section “Standard Dimensioning”).
For the PCB layout it is recommended to keep conducting lines from the IC to its external passive
components short, leading to small parasitic capacitances. Furthermore the conducting lines for CM and CR
should be routed symmetrically.
The parasitic capacitances in the sensor setup enlarge the used capacitances, especially the measurement,
the reference and the oscillator capacitance and influence the capacitance measurement directly. It is
important to keep the parasitic capacitances as small and stable as possible. If flexible wiring has to be used,
then only shielded wires should be used for CM and CR and the wires should be kept as short as possible.
The parasitic capacitances inside the IC have to be considered as well if small capacitances have to be
measured. Typically a parasitic capacitance of 5 pF is added to the connected capacitance at pin 12, 14 and
16, when the SO16(n) package is used.
CAV424’s differential measurement principle can be used to reduce the susceptibility against
electromagnetic disturbances. To use the benefits of this measurement principle CM and CR should be placed
close to each other and their wiring should be kept symmetrical.
In real sensor applications the temperature behavior is mainly influenced by CM’s, CR’s and COSC’s and
further external component’s temperature coefficients (TCs). In general an optimal temperature behavior can
be achieved by using COSC with a low TC and CM and CR, which have equal TCs.
In general ESD precautions are necessary during assembly and handling of the device. It is essential to
ground machines and personnel properly.
Take care that the absolute maximum values in Table 2 are not exceeded, when the device is put into
operation.
Notes:
1.
If the voltage signal at pin 12, 14 or 16 is measured using an oscilloscope, the probe’s capacitance is added to
the capacitance at the specific pin, which changes the output voltage signal. To check the frequency and the dif-
ferential signal amplitude without influencing the output signal it is possible to remove the low pass filter capacitor
CF1 and measure at pin 15.
2.
For level sensing applications it is important to isolate the measurement electrode from a conductive medium.
Otherwise the output voltage is affected by the medium’s conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com