Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  CAV424 Datasheet HTML 1Page - WOLFSPEED, INC. CAV424 Datasheet HTML 2Page - WOLFSPEED, INC. CAV424 Datasheet HTML 3Page - WOLFSPEED, INC. CAV424 Datasheet HTML 4Page - WOLFSPEED, INC. CAV424 Datasheet HTML 5Page - WOLFSPEED, INC. CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 5/14
www.analogmicro.de
Output Stage
Adjustable Gain
G
1
Output Current
IOUT
Source, Sink
8)
-100
100
µA
Resistive Load at Pin VOUT
RL
40
kΩ
Capacitive Load at Pin VOUT
CL
100
pF
Input Offset Voltage
VOFS
RL = 100 MΩ
-2
2
mV
Reference VREF
Reference Voltage
VREF
VREF = VCC / 2
2.49
2.5
2.51
V
Temperature Coefficient
TCVREF
dVREF /(dT·VREF), Tamb = –40...+105°C
±50
ppm/°C
Current
IVREF
Source, Sink
8)
-100
100
µA
Load Capacitance
CVREF
80
100
120
nF
Temperature Sensor VTEMP
Output Voltage
VTEMP
RTEMP≥ 50 MΩ
2.20
2.32
2.45
V
Sensitivity
S
S = dVTEMP / dT, RTEMP≥ 50 MΩ
8
mV/°C
Resistive Load
RTEMP
10
MΩ
Thermal Nonlinearity
NLTEMP
RTEMP≥ 50 MΩ, end point meth.
0.5
%
Notes:
1)
If a small deviation (< 1%) from equation (8) (or (11) resp.) is needed, a maximum measurement capacitance
CM,max not larger than ten times the particular minimum measurement capacitance CM,min should be used.
2) The specified value doesn’t include parasitic IC capacitance (typ. 5 pF for SO16(n) package at pin 12, 14 and 16).
3) If VCC ≠ 5 V, the maximum of VOUT is given by 0.8·VCC.
4) The temperature coefficient is normalized with VSpan = VOUT(CM,max) - VOUT(CM,min).
5) The maximum input signal frequency fSIG,max is defined as the measurement capacitance’s change rate, at which
the low pass filter reduces the output voltage by 6 dB.
6) The response time is defined as the time until VOUT reaches 99.99% of its final value after a 100 % input step.
7) The typical dimensioning of the low pass capacitors CF1 and CF2 is based on the requirement that a ripple of less
than 1‰ remains on the output voltage at the oscillator frequency. Smaller capacitances can be chosen to de-
crease the response time but lead to a higher ripple.
8) Currents flowing into the IC have a negative sign.
2. Absolute Maximum Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Maximum Supply Voltage
VCCmax
6
V
Maximum Oscillator Charge Current
IOSCmax
50
µA
Max. Meas. Oscillator Charge Current
ICMmax
25
µA
Max. Ref. Oscillator Charge Current
ICRmax
25
µA
Storage Temperature
TStore
-55
125
°C
ESD Susceptibility
VESD
HBM
2
kV
Notes:
1)
ESD Protection on all pins except pin 12, pin 14 and pin 16.
Table 1: CAV424's electric specifications
Table 2: Absolute Maximum Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com