Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. CAV424 Datasheet HTML 11Page - WOLFSPEED, INC. CAV424 Datasheet HTML 12Page - WOLFSPEED, INC. CAV424 Datasheet HTML 13Page - WOLFSPEED, INC. CAV424 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 11/14
www.analogmicro.de
3. Standard Dimensioning
A basic dimensioning of the passive external components in Figure 6 with a measurement capacitance not
larger than 1 nF is given in the table below. For the application specific capacitance ranges or if CR is given
by the measurement setup an optimal dimensioning can be calculated using the Excel-sheet Kali_CAV424.
Notes:
1)
The optimal value of CF1 and CF2 depends on the oscillator frequency. The given value can be used for CM,min
from 5 pF to 1000 pF, but leads to a slow response time.
2)
R1 = R3 = 100 kΩ are used to measure the output voltages at CM,min and CM,max at the start of the trimming proc-
ess. During the trimming process R1 and R3 will be set to individual values (calculated by the Excel-sheet
Kali_CAV424).
3)
For best performance a high grade ceramic capacitor has to be used for CVREF.
4)
Usually it is sufficient to use standard components with low temperature coefficients (≤ 100 ppm). For RCM, RCR,
ROSC, CVREF and CF1/F2 a variance of 5% of the given values is acceptable without a decrease in performance.
For components, which have to have lower variances, the tolerances are given in round brackets in Table 3.
4. Calibration Procedure
During the design of capacitive sensor systems it always has to be taken into account that there are parasitic
capacitances beside the connected measurement capacitance, which influence the output signal and the
calibration process. To simplify the consideration of these effects during the calibration of sensor systems,
Analog Microelectronics developed a calibration strategy, implemented in the Excel-sheet Kali_CAV424.
This Excel-sheet, based on the circuit in Figure 6, is available free of charge at www.analogmicro.de
.
Using this strategy the calibration of sensor systems with CAV424 is done in two steps, a dimensioning and
a trimming step. At first a dimensioning of the external components is calculated for the specific type of sen-
sor implemented with CAV424. This dimensioning is mostly dependent on the capacitive measurement
range of the sensor. Based on a few input values characterizing the capacitive sensor system the program
calculates a suitable dimensioning of the remaining external components.
After the specific sensor systems have been built with the calculated dimensioning a trimming of offset and
gain (using the trimming resistors R1 and R3) of the individual sensor systems has to be done. Therefore the
output voltage has to be measured at the minimum and the maximum measurement capacitance. Based on
these values the Excel-sheet calculates the final trimming resistor values for R1 and R3. After trimming R1
and R3 to the calculated values the sensor is ready for operation and all parasitic capacitances as well as the
tolerances of the used components are taken into account.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference Capacitor
CR
CM,min
pF
Oscillator Capacitor
COSC
4.4*CM,min
pF
Measurement Integrator Current Resistor
RCM
1000
kΩ
Reference Integrator Current Resistor
RCR
1000
kΩ
Oscillator Current Resistor
ROSC
125
kΩ
Low Pass Filter Capacitors
1)
CF1, CF2
500
nF
Output Stage Resistor (1%)
R2, R4, R5
100
kΩ
Full-Scale Resistor (0.1%) Calibration Meas. Value
2)
R1(start)
100
kΩ
Offset Resistor (0.1%) Calibration Meas. Value
2)
R3(start)
100
kΩ
Reference Voltage Capacitor (VREF = 2.5V)
3)
CVREF
80
100
120
nF
Table 3: Standard dimensioning at ICM = ICR = 2.5 µA, IOSC = 20 µA, CM,max < 1 nF, CR = CM,min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com