Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV424 Datasheet(PDF) 13 Page - WOLFSPEED, INC.

Part # CAV424
Description  C/V-converter for single and differential capacitive input signals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAV424 Datasheet(HTML) 13 Page - WOLFSPEED, INC.

Back Button CAV424 Datasheet HTML 6Page - WOLFSPEED, INC. CAV424 Datasheet HTML 7Page - WOLFSPEED, INC. CAV424 Datasheet HTML 8Page - WOLFSPEED, INC. CAV424 Datasheet HTML 9Page - WOLFSPEED, INC. CAV424 Datasheet HTML 10Page - WOLFSPEED, INC. CAV424 Datasheet HTML 11Page - WOLFSPEED, INC. CAV424 Datasheet HTML 12Page - WOLFSPEED, INC. CAV424 Datasheet HTML 13Page - WOLFSPEED, INC. CAV424 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAV424
C/V-converter for single and differential capacitive input signals
July 2014 – Rev. 3.0
Page 13/14
www.analogmicro.de
PACKAGE AND PINOUT
The CAV424’s standard packaging is a SO16 (n) package (for dimensions please see the packaging catalog
http://www.analogmicro.de/products/analogmicro.de.en.package.pdf).
DELIVERY FORMS
CAV424 is available as:
ORDER NUMBER
DELIVERY FORM
CAV424-0-SO16
CAV424 in an SO16(n) package
CAV424-WAF
Sawn wafer on 8“ blue foil
CAV424-Adapt
CAV424 soldered to an SO16-DIL16 adapter
ACCESSORIES
To support developments using CAV424 Analog Microelectronics GmbH offers the Breadboard BBCAV424.
ORDER NUMBER
DELIVERY FORM
BBCAV424
BBCAV424 – BreadBoard (PCB with CAV424)
PIN
NAME
BESCHREIBUNG
1
RCOSC
Oscillator current adjustment
2
RCR
Integrator current adjustment for CR
3
RCM
Integrator current adjustment for CM
4
GAIN
Gain adjustment
5
VOUT
Output voltage
6
VREF
Reference voltage ca. 2.5V
7
VTEMP
Temperature sensor voltage output
8
N.C.
Not connected
9
N.C.
Not connected
10
GND
IC ground
11
VCC
Supply voltage
12
COSC
Oscillator capacitor
13
CF2
2
nd order lowpass capacitor
14
CM
Measurement capacitance
15
CF1
1
st order lowpass capacitor
16
CR
Reference capacitor
Table 4: Pin assignment CAV424 SO16 Package
Figure 7: Pinout CAV424 SO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com