Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F256L30 Datasheet (PDF) - Intel Corporation

28F256L30 Datasheet PDF - Intel Corporation
Part # 28F256L30
Download  28F256L30 Download
File Size   1404.25 Kbytes
Page   100 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)

28F256L30 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F256L30 Datasheet PDF - Intel Corporation

Part # 28F256L30
Download  28F256L30 Click to download

File Size   1404.25 Kbytes
Page   100 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)

28F256L30 Datasheet (HTML) - Intel Corporation


28F256L30 Product details

The 1.8 Volt Intel StrataFlash® wireless memory with 3-Volt I/O product is the latest generation of Intel StrataFlash® memory devices featuring flexible, multiple-partition, dual operation. It provides high performance synchronous-burst read mode and asynchronous read mode using 1.8 volt low-voltage, multilevel cell (MLC) technology.

■ High performance Read-While-Write/Erase
— 85 ns initial access
— 52MHz with zero wait state, 17 ns clock-to-data
output synchronous-burst mode
— 25 ns asynchronous-page mode
— 4-, 8-, 16-, and continuous-word burst mode
— Burst suspend
— Programmable WAIT configuration
— Buffered Enhanced Factory Programming
(Buffered EFP): 3.5 µs/byte (Typ)
— 1.8 V low-power buffered and non-buffered
programming @ 10 µs/byte (Typ)
■ Architecture
— Asymmetrically-blocked architecture
— Multiple 8-Mbit partitions: 64Mb and 128Mb
devices
— Multiple 16-Mbit partitions: 256Mb devices
— Four 16-KWord parameter blocks: top or
bottom configurations
— 64K-Word main blocks
— Dual-operation: Read-While-Write (RWW) or
Read-While-Erase (RWE)
— Status register for partition and device status
■ Power
— 1.7 V - 2.0 V VCC operation
— I/O voltage: 2.2 V - 3.3 V
— Standby current: 30 µA (Typ)
— 4-Word synchronous read current: 17 mA (Typ) @ 54 MHz
— Automatic Power Savings (APS) mode




Similar Part No. - 28F256L30

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F256L30 NUMONYX-28F256L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
More results


Similar Description - 28F256L30

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
3 Volt Intel StrataFlash Memory
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
SPANSION
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
Intel StrataFlash짰 Memory
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com