Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F128L30 Datasheet (PDF) - Numonyx B.V

28F128L30 Datasheet PDF - Numonyx B.V
Part # 28F128L30
Download  28F128L30 Download
File Size   1663.75 Kbytes
Page   102 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash짰 Wireless Memory

28F128L30 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F128L30 Datasheet PDF - Numonyx B.V

Part # 28F128L30
Download  28F128L30 Click to download

File Size   1663.75 Kbytes
Page   102 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash짰 Wireless Memory

28F128L30 Datasheet (HTML) - Numonyx B.V


28F128L30 Product details

■ High performance Read-While-Write/Erase
  — 85 ns initial access
  — 52 MHz with zero wait state, 17 ns clock-to-data output synchronous-burst mode
  — 25 ns asynchronous-page mode
  — 4-, 8-, 16-, and continuous-word burst mode
  — Burst suspend
  — Programmable WAIT configuration
  — Buffered Enhanced Factory Programming (BEFP) at 5 µs/byte (Typ)
  — 1.8 V low-power buffered programming at 7 µs/byte (Typ)
■ Architecture
  — Asymmetrically-blocked architecture
  — Multiple partitions: 8-Mbit: 128- Mbit devices; 16-Mbit: 256-Mbit devices
  — Four 16-Kword parameter blocks: top or bottom configurations
  — 64-Kword main blocks
  — Dual-operation: Read-While-Write (RWW) or Read-While-Erase (RWE)
  — Status register for partition and device status
■ Density and Packaging
  — 128- and 256-Mbit density in VF BGA packages
  — 128/0 and 256/0 Density in SCSP
  — 16-bit wide data bus
■ Power
  — VCC (core) = 1.7 V - 2.0 V
  — VCCQ (I/O) = 2.2 V - 3.3 V
  — Standby current: 30 µA (Typ) for 256-Mbit
  — 4-Word synchronous read current: 16 mA (Typ) at 52 MHz
  — Automatic Power Savings mode
■ Security
  — OTP space: 64 unique factory device identifier bits; 64 user-programmable OTP bits; Additional 2048 user-programmable OTP bits
  — Absolute write protection: VPP = GND
  — Power-transition erase/program lockout
  — Individual zero-latency block locking
  — Individual block lock-down
■ Software
  — 20 µs (Typ) program suspend
  — 20 µs (Typ) erase suspend
  — Numonyx™ Flash Data Integrator (Numonyx™ FDI) optimized
■ Quality and Reliability
  — Expanded temperature: –25° C to +85° C
  — Minimum 100,000 erase cycles per block
  — Intel ETOX* VIII process technology (0.13 µm)




Similar Part No. - 28F128L30

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128L30 INTEL-28F128L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
More results


Similar Description - 28F128L30

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
Intel짰 Wireless Flash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
StrataFlash짰 Cellular Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
4Kbit Wireless Memory Inlay
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com