Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY284 Datasheet (PDF) - NXP Semiconductors

BGY284 Datasheet PDF - NXP Semiconductors
Part # BGY284
Download  BGY284 Download
File Size   241.76 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900

BGY284 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY284 Datasheet PDF - NXP Semiconductors

Part # BGY284
Download  BGY284 Click to download

File Size   241.76 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900

BGY284 Datasheet (HTML) - NXP Semiconductors


BGY284 Product details

DESCRIPTION
The BGY284 is a power amplifier module in a SOT775 surface mounted package with a plastic cap. The module consists of two separated line-ups, one for low band (LB,GSM850/EGSM900) and one for high band (HB, DCS1800/PCS1900) with internal power detection function, power control loop, input and output matching.

FEATURES
• Quad band GSM amplifier
• Very small size (8 x 8 mm).
• Suited for GPRS class 12 (duty cycle 4 : 8)
• Integrated power control loop
• 3.5 V nominal supply voltage
• 35 dBm controlled output power for GSM850/EGSM900
• 32.5 dBm controlled output power for DCS1800/PCS1900
• Easy on/off and band select by digital control voltage
• Internal input and output matching
• Specification based on 3GPP TS 45.005.

APPLICATIONS
• Digital cellular radio systems with Time Division Multiple Access (TDMA) operation (GSM systems) in four frequency bands: 824 to 849 MHz, 880 to 915 MHz, 1710 to 1785 MHz and 1850 to 1910 MHz.




Similar Part No. - BGY284

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
UHF amplifier module
2000 Nov 15
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
More results


Similar Description - BGY284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
Triple-band VCO for GSM900/DCS1800/PCS1900
logo
NXP Semiconductors
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
logo
California Eastern Labs
NE5500234 CEL-NE5500234 Datasheet
308Kb / 6P
4.8 V N-CHANNEL SILICON POWER MOS FET POWER AMPLIFIER FOR DCS1800/PCS1900 HANDSETS
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com