Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY282 Datasheet (PDF) - NXP Semiconductors

BGY282 Datasheet PDF - NXP Semiconductors
Part # BGY282
Download  BGY282 Download
File Size   386.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description dual band UHF amplifier module for GSM900 and GSM1800

BGY282 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY282 Datasheet PDF - NXP Semiconductors

Part # BGY282
Download  BGY282 Click to download

File Size   386.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description dual band UHF amplifier module for GSM900 and GSM1800

BGY282 Datasheet (HTML) - NXP Semiconductors


BGY282 Product details

DESCRIPTION
The BGY282 is a power amplifier module in a SOT632A surface mounted ceramic package with a plastic cap. The module consists of two separated line-ups, one for GSM900 and one for GSM1800 with internal power control, input and output matching.

FEATURES
• Dual band GSM amplifier
• 3.5 V nominal supply voltage
• 33 dBm output power for GSM1800
• 35 dBm output power for GSM900
• Easy output power control by DC voltage
• Internal input and output matching
• Easy band selection by DC voltage
• Suited for GPRS class 12 (duty cycle 4 : 8).

APPLICATIONS
• Digital cellular radio systems with Time Division Multiple Access (TDMA) operation (GSM systems) in two frequency bands: 880 to 915 MHz and 1710 to 1785 MHz.




Similar Part No. - BGY282

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
UHF amplifier module
2000 Nov 15
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
More results


Similar Description - BGY282

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com