Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1047FN Datasheet (PDF) - Sony Corporation

CXG1047FN Datasheet PDF - Sony Corporation
Part # CXG1047FN
Download  CXG1047FN Download
File Size   104.18 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications

CXG1047FN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1047FN Datasheet PDF - Sony Corporation

Part # CXG1047FN
Download  CXG1047FN Click to download

File Size   104.18 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications

CXG1047FN Datasheet (HTML) - Sony Corporation


CXG1047FN Product details

Description
The CXG1047FN dual band GaAs PA is a 3-stage power amplifier that may be used for both GSM900 and DCS1800 applications. To achieve minimum die-size and package dimensions, it contains one amplifier chain with a single input and output.
The PA has a single RF input for both the GSM900 and DCS1800 transmit signals. The amplifier can be configured for 2 separate inputs. Power control is best achieved by variation of VDD1/VDD2 and VDD3 drain voltages with an external transistor. A proposed power control circuit configuration is described. External PMOS drain switch should be used to achieve low leakage.

Features
• Single positive rail only
• Typical output power of 35.5dBm at 900MHz and 33dBm at 1800MHz
• Typical efficiency of 37% at 900MHz and 37% at 1800MHz
• Small package size with integral heat-sink: 16-pin HSOF (5.6 × 4.4 × 0.9mm)
• 3-stage amplifier chain
•Simple pin diode circuitry is used to switch between 1800 and 900MHz matching circuits
• Off mode insertion loss typically 27dB at 900MHz (Pin = +6dBm at VDD = 0V)
• Typical transmit noise @20MHz offset –79dBm/100kHz

Applications
    Dual-band handsets transmitting on the GSM900 or DCS1800 frequencies




Similar Part No. - CXG1047FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1040TN SONY-CXG1040TN Datasheet
58Kb / 5P
High Isolation DPDT Switch
CXG1045N SONY-CXG1045N Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
CXG1045N SONY-CXG1045N Datasheet
64Kb / 5P
High Power DPDT Switch for GSM
More results


Similar Description - CXG1047FN

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
Triple-band VCO for GSM900/DCS1800/PCS1900
logo
TriQuint Semiconductor
TQM6M4028E TRIQUINT-TQM6M4028E Datasheet
208Kb / 1P
3V Dual-Band GSM900/DCS Transmit Module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com