Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2651 Datasheet (PDF) - Maxim Integrated Products

MAX2651 Datasheet PDF - Maxim Integrated Products
Part # MAX2651
Download  MAX2651 Download
File Size   466.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers

MAX2651 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2651 Datasheet PDF - Maxim Integrated Products

Part # MAX2651
Download  MAX2651 Click to download

File Size   466.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers

MAX2651 Datasheet (HTML) - Maxim Integrated Products


MAX2651 Product details

General Description
The MAX2651/MAX2652/MAX2653 silicon germanium (SiGe), low-noise amplifiers (LNAs) are intended for use in GSM900, DCS1800, and PCS1900 band wireless handsets. The MAX2651/MAX2652 consist of two LNAs, one optimized for the GSM900 band and the other optimized for the DCS1800/PCS1900 bands. They feature a band-select pin to switch between the two LNAs, as well as a gain-step input to reduce the gain of each LNA by 20dB and reduce supply current. The MAX2652 is functionally equivalent to the MAX2651, but features a low power shutdown mode. The MAX2653 consists of a single LNA optimized for the DCS1800 and PCS1900 bands, and has a shutdown feature and a 20dB gain step.

Features
♦ Wide Operating Frequency Range
    800MHz to 1000MHz (MAX2651/52)
    1800MHz to 2000MHz (MAX2651/52/53)
♦ Excellent Low-Noise Performance
    1.2dB/1.3dB over GSM Receive Band (MAX2651/52)
    1.8dB/1.8dB/1.7dB over DCS Receive Band (MAX2651/52/53)
♦ High Gain
    18dB over GSM Receive Band (MAX2651/52)
    18dB/17.5dB/18.5dB over DCS Receive Band (MAX2651/52/53)
♦ 20dB Gain Reduction in Low-Gain Mode
♦ Externally Adjustable Gain
♦ +2.7V to +3.3V Single-Supply Operation
♦ Low Supply Current
    5.4mA to 7.0mA in High-Gain Mode
    2.2mA in Low-Gain Mode
♦ 0.25µA Shutdown Current (MAX2652/53)

Applications
    GSM900/DCS1800 Dual-Band Phones
    GSM900/DCS1800/PCS1900 Triple-Band Phones
    DCS1800 or PCS1900 Single-Mode Phones
    IS-136 TDMA Dual-Band Phones




Similar Part No. - MAX2651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX265 MAXIM-MAX265 Datasheet
795Kb / 20P
Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX265-MAX266 MAXIM-MAX265-MAX266 Datasheet
795Kb / 20P
Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX2650 MAXIM-MAX2650 Datasheet
53Kb / 6P
DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
logo
Analog Devices
MAX2650 AD-MAX2650 Datasheet
363Kb / 7P
DC-to-Microwave, 5V Low-Noise Amplifier
Rev 2; 4/24
logo
Maxim Integrated Produc...
MAX2650EUS-T MAXIM-MAX2650EUS-T Datasheet
53Kb / 6P
DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
More results


Similar Description - MAX2651

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
Triple-band VCO for GSM900/DCS1800/PCS1900
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com