Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY282 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY282 Datasheet HTML 1Page - NXP Semiconductors BGY282 Datasheet HTML 2Page - NXP Semiconductors BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Dec 04
2
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
FEATURES
• Dual band GSM amplifier
• 3.5 V nominal supply voltage
• 33 dBm output power for GSM1800
• 35 dBm output power for GSM900
• Easy output power control by DC voltage
• Internal input and output matching
• Easy band selection by DC voltage
• Suited for GPRS class 12 (duty cycle 4 : 8).
APPLICATIONS
• Digital cellular radio systems with Time Division Multiple
Access (TDMA) operation (GSM systems) in two
frequency bands: 880 to 915 MHz and
1710 to 1785 MHz.
DESCRIPTION
The BGY282 is a power amplifier module in a SOT632A
surface mounted ceramic package with a plastic cap.
The module consists of two separated line-ups, one for
GSM900 and one for GSM1800 with internal power
control, input and output matching.
PINNING - SOT632A
PIN
DESCRIPTION
1
RF input 1 (GSM900)
2VAPC
3, 6, 9, 12
Ground
4VS1 (GSM900)
5
RF output 1 (GSM900)
7
RF output 2 (GSM1800)
8VS2 (GSM1800)
10
Vband
11
RF input 2 (GSM1800)
5
12
4
3
7
6
12
11
Bottom view
MBL253
10
8
9
Fig.1 Simplified outline
QUICK REFERENCE DATA
RF performance at Tmb =25 °C.
MODE OF
OPERATION
f
(MHz)
VS
(V)
VAPC
(V)
PL
(dBm)
η
(%)
ZS, ZL
(
Ω)
Pulsed;
δ =1:8
880 to 915
3.5
≤2.2
typ. 35
50
50
1710 to 1785
3.5
≤2.2
typ. 33
45
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com