Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC69502 Datasheet (PDF) - Micrel Semiconductor

MIC69502 Datasheet PDF - Micrel Semiconductor
Part # MIC69502
Download  MIC69502 Download
File Size   230.25 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A, Low VIN, Low VOUT uCap LDO Regulator

MIC69502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC69502 Datasheet PDF - Micrel Semiconductor

Part # MIC69502
Download  MIC69502 Click to download

File Size   230.25 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A, Low VIN, Low VOUT uCap LDO Regulator

MIC69502 Datasheet (HTML) - Micrel Semiconductor


MIC69502 Product details

General Description
The MIC69502 is a 5A, low dropout linear regulator that provides low voltage high current outputs with a minimum of external components. It offers high precision and ultra low dropout of 500mV under worst case conditions.
   
Features
• Input voltage range: VIN: 1.65V to 5.5V
• ±1.0% initial output tolerance
• Maximum dropout (VIN – VOUT) of 500mV
    over temperature
• Adjustable output voltage down to 0.5V
• Stable with 10µF ceramic output capacitor (5A)
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• 7-Pin S-Pak package
• –40°C to +125°C Temperature Junction
   
Applications
• ASIC Core Voltage Regulator
• PLD/FPGA Core Power Supply
• Linear Point-of-Load Conversion
• High-Speed Post-Regulator
   




Similar Part No. - MIC69502

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply
MIC69101-1.8YML MICREL-MIC69101-1.8YML Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69101-1.8YML MICREL-MIC69101-1.8YML Datasheet
261Kb / 8P
Single Supply
MIC69103 MICREL-MIC69103 Datasheet
261Kb / 8P
Single Supply
More results


Similar Description - MIC69502

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com