Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC37139 Datasheet (PDF) - Micrel Semiconductor

MIC37139 Datasheet PDF - Micrel Semiconductor
Part # MIC37139
Download  MIC37139 Download
File Size   156.54 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A, LOW VOLTAGE UCAP LDO REGULATOR

MIC37139 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC37139 Datasheet PDF - Micrel Semiconductor

Part # MIC37139
Download  MIC37139 Click to download

File Size   156.54 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A, LOW VOLTAGE UCAP LDO REGULATOR

MIC37139 Datasheet (HTML) - Micrel Semiconductor


MIC37139 Product details

General Description
The Micrel MIC37139 is a 1.5A low-dropout linear voltage regulator that provides a low-voltage, high-current output with a minimum of external components. It offers high precision, ultra-low dropout (500mV overtemperature), and low ground current.

Features
• 1.5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
• Stable with ceramic or tantalum capacitor
• Wide input voltage range: VIN:2.25V to 6.0V
• +1.0% initial output tolerance
• Fixed 1.8V output voltage
• Excellent line and load regulation specifications
• Thermal shutdown and current-limit protection
• Reverse-leakage protection
• Low profile SOT-223 package

Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High-efficiency linear power supplies
• SMPS post regulator
• Battery charger
• Set-top boxes
• Digital video recorders
• PowerPC® power supplies
• Multimedia and PC processor supplies




Similar Part No. - MIC37139

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37139-1.8BS MICREL-MIC37139-1.8BS Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37139-1.8YS MICREL-MIC37139-1.8YS Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37139-2.5YS MICREL-MIC37139-2.5YS Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
More results


Similar Description - MIC37139

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com