Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC37150 Datasheet (PDF) - Micrel Semiconductor

MIC37150 Datasheet PDF - Micrel Semiconductor
Part # MIC37150
Download  MIC37150 Download
File Size   146.98 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5 A LOW VOLTAGE UCAP LDO REGULATOR

MIC37150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC37150 Datasheet PDF - Micrel Semiconductor

Part # MIC37150
Download  MIC37150 Click to download

File Size   146.98 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5 A LOW VOLTAGE UCAP LDO REGULATOR

MIC37150 Datasheet (HTML) - Micrel Semiconductor


MIC37150 Product details

General Description
The Micrel MIC37150/51/52/53 is a 1.5A low-dropout linear voltage regulator that provides a low voltage, high current output with a minimum of external components. It offers high precision, ultra-low dropout (500mV over temperature), and low ground current.

Features
• 1.5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
    – Ideal for 3.0V to 2.5V conversion
    – Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
• Wide input voltage range
    – VIN: 2.25V to 6.0V
• ±1.0% initial output tolerance
• Fixed and adjustable output voltages
    – MIC37150—3-pin fixed voltages
    – MIC37151—5-pin S-Pak or 8-pin e-Pad SOIC fixed voltages with flag
    – MIC37152—5-pin adjustable voltage
    – MIC37153—8-pin adjustable voltage with flag
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• Low profile 3 or 5-pin S-Pak packages or 8-pin e-Pad SOIC

Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger




Similar Part No. - MIC37150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37150 MICREL-MIC37150 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37150-1.5BR MICREL-MIC37150-1.5BR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37150-1.5WR MICREL-MIC37150-1.5WR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37150-1.65BR MICREL-MIC37150-1.65BR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37150-1.65WR MICREL-MIC37150-1.65WR Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
More results


Similar Description - MIC37150

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com