Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPQ-04 Datasheet (PDF) - Mini-Circuits

HPQ-04 Datasheet PDF - Mini-Circuits
Part # HPQ-04
Download  HPQ-04 Download
File Size   67.77 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description POWER SPLITTERS/COMBINERS

HPQ-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPQ-04 Datasheet PDF - Mini-Circuits

Part # HPQ-04
Download  HPQ-04 Click to download

File Size   67.77 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description POWER SPLITTERS/COMBINERS

HPQ-04 Datasheet (HTML) - Mini-Circuits


HPQ-04 Product details

features (HPQ model)
● excellent amplitude and phase unbalance
● good insertion loss
● good isolation
● excellent input and output VSWR
● excellent unit-to-unit repeatability
● small size

applications
● image rejection mixer
● wideband amplifier matching
● I&Q modulator

features (QBA model)
● low insertion loss, 0.25 dB typ. (QBA-12N)
● high power capability (50 watts for QBA-12N)
● high isolation, 28 dB typ. (QBA-12N)
● ceramic body, good for heat dissipation
● solder plated leads for excellent solderability
● QBA-07, hermetically sealed

applications
● cellular
● instrumentation
● PCN




Similar Part No. - HPQ-04

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48 Datasheet
1Mb / 16P
Isolated 300-Watt Quarter Brick DC-DC Converters
2019
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48_V01 Datasheet
1Mb / 16P
Isolated 300-Watt Quarter Brick DC-DC Converters
2019
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Similar Description - HPQ-04

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
POWER SPLITTERS/COMBINERS
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com