Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN-SERIES Datasheet (PDF) - Mini-Circuits

SCN-SERIES Datasheet PDF - Mini-Circuits
Part # SCN-SERIES
Download  SCN-SERIES Download
File Size   194.05 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz

SCN-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN-SERIES Datasheet PDF - Mini-Circuits

Part # SCN-SERIES
Download  SCN-SERIES Click to download

File Size   194.05 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz

SCN-SERIES Datasheet (HTML) - Mini-Circuits




Similar Part No. - SCN-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCN-001T-1.0K ETC2-SCN-001T-1.0K Datasheet
232Kb / 8P
Crimping tools and machines
SCN-001T-P1.0 ETC2-SCN-001T-P1.0 Datasheet
232Kb / 8P
Crimping tools and machines
logo
SHINMEI ELECTRIC CO., L...
SCN-1308-2 SHINMEI-SCN-1308-2 Datasheet
108Kb / 3P
IC card connectors
logo
Honeywell Accelerometer...
SCN-1428SC HONEYWELL-ACC-SCN-1428SC Datasheet
173Kb / 2P
Ultrasonic Distance Sensors
logo
SHINMEI ELECTRIC CO., L...
SCN-1608AU SHINMEI-SCN-1608AU Datasheet
108Kb / 3P
IC card connectors
More results


Similar Description - SCN-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
logo
Yantel Corporation
PD0900U03-070 YANTEL-PD0900U03-070 Datasheet
1Mb / 5P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD0900U03-M1 YANTEL-PD0900U03-M1 Datasheet
350Kb / 4P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD2450U06-180 YANTEL-PD2450U06-180 Datasheet
2Mb / 5P
Power Divider/Combiner 4-Way 0째 2300-2700 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com