Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN-SERIES Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCN-SERIES
Description  Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCN-SERIES Datasheet(HTML) 1 Page - Mini-Circuits

  SCN-SERIES Datasheet HTML 1Page - Mini-Circuits SCN-SERIES Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
SCN-2-11
RETURN LOSS
0
5
10
15
20
25
30
35
800
900
1000
1100
1200
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-11
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
800
900
1000
1100
1200
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-11
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
800
900
1000
1100
1200
FREQUENCY (MHz)
Splitter Electrical Specifications
Maximum Ratings
Pin Connections
Features
• PCS, DECT
• WLAN
• GSM, GPS
• ISM applications
SUM PORT
2
PORT 1
6
PORT 2
4
GROUND
1,3,5
PORT 1-2
resistor external 100 OHMS
• isolation resistor, external 100 ohms
• low insertion loss, 0.4 dB typ.
• excellent amplitude unbalance, 0.1 dB typ.
• very good phase unbalance, 1.0 deg. typ.
• high isolation, 22 dB typ.
• excellent power handling, 20W as splitter
• small size, 0.12"X0.06"X0.035"
• ESD non-sensitive
• temperature stable, BLUE CELL™ technology
• wrap around, solder plated terminations for
excellent solderability
• low cost
• patent pending
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
20W* max.
Typ. Max.
PHASE
UNBALANCE
(Degrees)
INSERTION LOSS
(dB)
ABOVE 3.0 dB
AMPLITUDE
UNBALANCE
(dB)
SCN-2-11
800-1175
0.5
0.8
20
15
1.0
3.0
0.1
0.3
16
18
875-1125
0.5
0.8
22
18
1.0
3.0
0.1
0.3
16
20
SCN-2-15
1100-1450
0.5
0.8
23
17
1.5
3.0
0.25
0.4
15
17.5
1200-1375
0.4
0.7
25
20
1.5
3.0
0.2
0.3
16
18
SCN-2-19
1425-1900
0.5
0.9
23
17
2.5
4.0
0.25
0.4
15
18
1550-1800
0.5
0.9
25
20
2.0
4.0
0.2
0.4
19
18
SCN-2-22
1850-2200
0.5
0.9
22
17
2.0
5.0
0.25
0.4
16
19
1900-2100
0.5
0.9
24
20
2.0
5.0
0.2
0.4
16
19
SCN-2-27
2225-2700
0.5
1.1
21
17
3.5
6.0
0.6
0.8
19
17
2325-2600
0.4
1.0
23
20
2.5
6.0
0.4
0.7
20
17
CASE STYLE: FV1206-1
PRICE: $2.50 ea. QTY (10-49)
$ .99 ea. QTY (100)
Demo Board MCL P/N: TB-252
Suggested PCB Layout (PL-129)
Outline Dimensions (
)
inch
mm
Outline Drawing
MODEL
NO.
FREQUENCY
(MHz)
RETURN LOSS
(dB)
ISOLATION
(dB)
Typ. Min.
Typ. Max.
Typ. Max.
INPUT
Typ.
OUTPUT
Typ.
AB
C
D
E
F
G
.126
.063
.035
.024
.022
.012
.039
3.20
1.60
0.89
0.61
0.56
0.30
0.99
H
J
K
wt.
.042
.024
.123
grams
1.07
0.61
3.12
.020
Performance Charts
*derate linearly to 6W at 100°C ambient.
RF OUT-1
RF OUT-2
RF IN
6
4
2
100
Ω
EXTERNAL
schematic
2 Way-0° 50
Ω
800 to 2700 MHz
Ultra-Small Ceramic
REV. A
M86984
SCN-2-11
ED-10710/2
SCN-2-15
ED-10710/3
SCN-2-19
ED-10710/4
SCN-2-22
ED-10710/5
SCN-2-27
ED-10710/7
AD/DJ/CP
030507
page 1 of 2
SCN-SERIES
NEW!
Power Splitters/Combiners


Similar Part No. - SCN-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCN-001T-1.0K ETC2-SCN-001T-1.0K Datasheet
232Kb / 8P
Crimping tools and machines
SCN-001T-P1.0 ETC2-SCN-001T-P1.0 Datasheet
232Kb / 8P
Crimping tools and machines
logo
SHINMEI ELECTRIC CO., L...
SCN-1308-2 SHINMEI-SCN-1308-2 Datasheet
108Kb / 3P
IC card connectors
logo
Honeywell Accelerometer...
SCN-1428SC HONEYWELL-ACC-SCN-1428SC Datasheet
173Kb / 2P
Ultrasonic Distance Sensors
logo
SHINMEI ELECTRIC CO., L...
SCN-1608AU SHINMEI-SCN-1608AU Datasheet
108Kb / 3P
IC card connectors
More results

Similar Description - SCN-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
logo
Yantel Corporation
PD0900U03-070 YANTEL-PD0900U03-070 Datasheet
1Mb / 5P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD0900U03-M1 YANTEL-PD0900U03-M1 Datasheet
350Kb / 4P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD2450U06-180 YANTEL-PD2450U06-180 Datasheet
2Mb / 5P
Power Divider/Combiner 4-Way 0째 2300-2700 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com