Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN-SERIES Datasheet(PDF) 2 Page - Mini-Circuits

Part # SCN-SERIES
Description  Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCN-SERIES Datasheet(HTML) 2 Page - Mini-Circuits

  SCN-SERIES Datasheet HTML 1Page - Mini-Circuits SCN-SERIES Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
SCN-2-15
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-15
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
SCN-2-15
RETURN LOSS
0
5
10
15
20
25
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-19
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-19
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
SCN-2-19
RETURN LOSS
0
5
10
15
20
25
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-22
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-22
ISOLATION
0
5
10
15
20
25
30
35
40
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
SCN-2-22
RETURN LOSS
0
5
10
15
20
25
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-27
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-27
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
SCN-2-27
RETURN LOSS
0
5
10
15
20
25
30
35
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-SERIES
Performance Charts
page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com