Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC109D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC109D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC109D
Download  74HC109D Download
File Size   271.64 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with set and reset; positive-edge-trigger

74HC109D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC109D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC109D
Download  74HC109D Click to download

File Size   271.64 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with set and reset; positive-edge-trigger

74HC109D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC109D Product details

1. General description
The 74HC109; 74HCT109 is a dual positive edge triggered JK flip-flop featuring individual J and
K inputs, clock (CP) inputs, set (SD) and reset (RD) inputs and complementary Q and Q outputs.
The set and reset are asynchronous active LOW inputs and operate independently of the clock
input. The J and K inputs control the state changes of the flip-flops as described in the mode
select function table. The J and K inputs must be stable one set-up time prior to the LOW-to-HIGH
clock transition for predictable operation. The JK design allows operation as a D-type flip-flop by
connecting the J and K inputs together. This device features reduced input threshold levels to allow
interfacing to TTL logic levels. Inputs also include clamp diodes, this enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall
times.
2. Features and benefits
• J and K inputs for easy D-type flip-flop
• Toggle flip-flop or "do nothing" mode
• Wide supply voltage range:
• For 74HC109: from 2.0 V to 6.0 V
• For 74HCT109: from 4.5 V to 5.5 V
• CMOS low power dissipation
• High noise immunity
• Input levels:
• For 74HC109: CMOS level
• For 74HCT109: TTL level
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• 74HC109 complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• 74HCT109 complies with JEDEC standard JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC109D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC109D PHILIPS-74HC109D Datasheet
65Kb / 9P
Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HC109D-Q100 NEXPERIA-74HC109D-Q100 Datasheet
799Kb / 17P
Dual JK flip-flop with set and reset; positive-edge-trigger
74HC109D-Q100 NEXPERIA-74HC109D-Q100 Datasheet
257Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74HC109DB PHILIPS-74HC109DB Datasheet
65Kb / 9P
Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
More results


Similar Description - 74HC109D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
Dual JK Flip-Flop With Set and Reset
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com